Electronic Components Datasheet Search
  English  ▼

X  

SX1502 Datasheet(PDF) 21 Page - Semtech Corporation

Part # SX1502
Description  4/8/16 Channel Low Voltage GPIO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1502 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SX1502 Datasheet HTML 17Page - Semtech Corporation SX1502 Datasheet HTML 18Page - Semtech Corporation SX1502 Datasheet HTML 19Page - Semtech Corporation SX1502 Datasheet HTML 20Page - Semtech Corporation SX1502 Datasheet HTML 21Page - Semtech Corporation SX1502 Datasheet HTML 22Page - Semtech Corporation SX1502 Datasheet HTML 23Page - Semtech Corporation SX1502 Datasheet HTML 24Page - Semtech Corporation SX1502 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 7 – 2
nd Oct. 2008
www.semtech.com
21
SX1501/SX1502/SX1503
4/8/16 Channel Low Voltage GPIO
Addr
Name
Default
Bits
Description
RegEventStatus
3:0
Event status of all IOs.
0 : No event has occured on this IO
1 : An event has occured on this IO (an edge as configured in relevant RegSense
register occured).
Writing '1' clears the bit in RegEventStatus and in RegInterruptSource if relevant.
If the edge sensitivity of the IO is changed, the bit(s) will be cleared automatically
7:2
Reserved. Must be set to 0 (default value)
0x10
RegPLDMode
0x00
1:0
PLDMode
00 : PLD disabled – Normal GPIO mode for I/O[3:0]
01 : PLD 2-to-1 mode – I/O[2] is a decode of I/O[1:0] as defined in RegPLDTable0
10 : PLD 3-to-1 mode – I/O[3] is a decode of I/O[2:0] as defined in RegPLDTable2
11 : Not used
7:4
Reserved. Must be set to 0 (default value)
3
Value to be output on I/O[2] when I/O[1:0] = 11
2
Value to be output on I/O[2] when I/O[1:0] = 10
1
Value to be output on I/O[2] when I/O[1:0] = 01
0x11
RegPLDTable0
0x00
0
Value to be output on I/O[2] when I/O[1:0] = 00
Applies only when PLDMode is
set to PLD 2-to-1 mode
0x12
RegPLDTable1
0xXX
7:0
Unused
7
Value to be output on I/O[3] when I/O[2:0] = 111
6
Value to be output on I/O[3] when I/O[2:0] = 110
5
Value to be output on I/O[3] when I/O[2:0] = 101
4
Value to be output on I/O[3] when I/O[2:0] = 100
3
Value to be output on I/O[3] when I/O[2:0] = 011
2
Value to be output on I/O[3] when I/O[2:0] = 010
1
Value to be output on I/O[3] when I/O[2:0] = 001
0x13
RegPLDTable2
0x00
0
Value to be output on I/O[3] when I/O[2:0] = 000
Applies only when PLDMode is
set to PLD 3-to-1 mode
0x14
RegPLDTable3
0xXX
7:0
Unused
0x15
RegPLDTable4
0xXX
7:0
Unused
7.2
Reserved. Must be set to 0 (default value)
1
Boost Mode (Cf. §2.2.1)
0: OFF
1: ON
0xAB
RegAdvanced
0x00
0
Reserved. Must be set to 0 (default value)
Table 13 – SX1501 Configuration Registers Description
5.2
SX1502 8-channel GPIO
Address
Name
Description
Default
0x00
RegData
Data register
1111 1111
*
0x01
RegDir
Direction register
1111 1111
0x02
RegPullUp
Pull-up register
0000 0000
0x03
RegPullDown
Pull-down register
0000 0000
0x04
Reserved
Unused
XXXX XXXX
0x05
RegInterruptMask
Interrupt mask register
1111 1111
0x06
RegSenseHigh
Sense register for I/O[7:4]
0000 0000
0x07
RegSenseLow
Sense register for I/O[3:0]
0000 0000
0x08
RegInterruptSource
Interrupt source register
0000 0000
0x09
RegEventStatus
Event status register
0000 0000
0x10
RegPLDMode
PLD mode register
0000 0000
0x11
RegPLDTable0
PLD truth table 0
0000 0000
0x12
RegPLDTable1
PLD truth table 1
0000 0000
0x13
RegPLDTable2
PLD truth table 2
0000 0000
0x14
RegPLDTable3
PLD truth table 3
0000 0000
0x15
RegPLDTable4
PLD truth table 4
0000 0000
0xAB
RegAdvanced
Advanced settings register
0000 0000
*Bits set as output take “1” as default value.
Table 14 – SX1502 Configuration Registers Overview
Addr
Name
Default
Bits
Description
0x00
RegData
0xFF
7:0
Write: Data to be output to the output-configured IOs
Read: Data seen at the IOs, independent of the direction configured.
0x01
RegDir
0xFF
7:0
Configures direction for each IO.
0 : IO is configured as an output
1 : IO is configured as an input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com