Electronic Components Datasheet Search
  English  ▼

X  

T4090B-PC Datasheet(PDF) 21 Page - ATMEL Corporation

Part # T4090B-PC
Description  Monolithic Integrated Feature Phone Circuit EMI Improved
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T4090B-PC Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button T4090B-PC Datasheet HTML 17Page - ATMEL Corporation T4090B-PC Datasheet HTML 18Page - ATMEL Corporation T4090B-PC Datasheet HTML 19Page - ATMEL Corporation T4090B-PC Datasheet HTML 20Page - ATMEL Corporation T4090B-PC Datasheet HTML 21Page - ATMEL Corporation T4090B-PC Datasheet HTML 22Page - ATMEL Corporation T4090B-PC Datasheet HTML 23Page - ATMEL Corporation T4090B-PC Datasheet HTML 24Page - ATMEL Corporation T4090B-PC Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
21
4741C–CORD–11/05
U4090B-P
Figure 8-3.
Typical Adjustment Range of Receive Gain (Differential Output)
Figure 8-4.
Typical AGA Characteristic
Figure 8-5.
Typical Load Characteristic of V
B for a Maximum (RDC = Infinity)
DC-characteristic and 3-mW Loudspeaker Output
-4
-2
0
2
4
6
8
10
0
1020
30
40
5060
7080
RGR (k
Ω)
-7
-6
-5
-4
-3
-2
-1
0
0
1020
30
40
50
60
7080
90100
IL (mA)
R
AGA = 24k
R
AGA = 20k
R
AGA = 16k
0
1.0
2.0
3.0
4.0
5.0
6.0
0
2
4
6
8
1012
141618
IB (mA)
I
L = 30 mA
I
L = 20 mA
I
L = 15 mA
RDC = Infinity; VI = 200 mV/1 kHz; PSAO = 3 mW;
IMP = 2 mA; IM = 300 µA; RGSA = 560k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com