Electronic Components Datasheet Search
  English  ▼

X  

U211B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # U211B
Description  Phase Control IC with Overload Limitation for Tacho Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U211B Datasheet(HTML) 2 Page - ATMEL Corporation

  U211B Datasheet HTML 1Page - ATMEL Corporation U211B Datasheet HTML 2Page - ATMEL Corporation U211B Datasheet HTML 3Page - ATMEL Corporation U211B Datasheet HTML 4Page - ATMEL Corporation U211B Datasheet HTML 5Page - ATMEL Corporation U211B Datasheet HTML 6Page - ATMEL Corporation U211B Datasheet HTML 7Page - ATMEL Corporation U211B Datasheet HTML 8Page - ATMEL Corporation U211B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
4752B–INDCO–09/05
U211B
2.
Pin Configuration
Figure 2-1.
Pinning DIP18
1
2
3
4
5
6
7
8
10
9
18
17
16
14
15
13
12
11
V
S
Output
Retr
V
RP
C
P
F/V
I
sync
GND
V
Ref
OVL
I
sense
C
soft
CTR/OPO
OP+
PB/TM
V
sync
C
RV
OP-
U211B
Table 2-1.
Pin Description
Pin
Symbol
Function
1I
sync
Current synchronization
2
GND
Ground
3V
S
Supply voltage
4
Output
Trigger pulse output
5
Retr
Retrigger programming
6V
RP
Ramp current adjust
7C
P
Ramp voltage
8
F/V
Frequency-to-voltage converter
9C
RV
Charge pump
10
OP-
OP inverting input
11
OP+
OP non-inverting input
12
CTR/OPO
Control input/OP output
13
C
soft
Soft start
14
I
sense
Load-current sensing
15
OVL
Overload adjust
16
V
Ref
Reference voltage
17
V
sync
Voltage synchronization
18
PB/TM
Pulse blocking/tacho monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com