Electronic Components Datasheet Search
  English  ▼

X  

ATR0601 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATR0601
Description  GPS Front-end IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0601 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATR0601 Datasheet HTML 3Page - ATMEL Corporation ATR0601 Datasheet HTML 4Page - ATMEL Corporation ATR0601 Datasheet HTML 5Page - ATMEL Corporation ATR0601 Datasheet HTML 6Page - ATMEL Corporation ATR0601 Datasheet HTML 7Page - ATMEL Corporation ATR0601 Datasheet HTML 8Page - ATMEL Corporation ATR0601 Datasheet HTML 9Page - ATMEL Corporation ATR0601 Datasheet HTML 10Page - ATMEL Corporation ATR0601 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
4866G–GPS–11/06
ATR0601
9.
Timing
Figure 9-1.
Recommended Power-up/down Sequence
Figure 9-2.
Recommended Sleep-mode Sequence
Figure 9-3.
Recommended XTO Start-up/Shut-down Sequence
Figure 9-4.
Sample Clock Start-up Delay
VCC
VDIG
PUxto
PUrf
tmin = 0s
tmin = 0s
tmin = 0s
tmin = 0s
tmin=0s
tmin = 0s
tmin = 5ms
PUxto
VCC
VDIG
PUrf
tmin = 0s
tmin = 0s
tmin = 4 µs
PUxto
VCC
VDIG
tmin = 1 ms
tmin = 4 µs
PUxto
VCC
VDIG
SC
tmax = 500 µs
T = 1/23.104 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com