Electronic Components Datasheet Search
  English  ▼

X  

BA226F Datasheet(PDF) 2 Page - Rohm

Part # BA226F
Description  CR timer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA226F Datasheet(HTML) 2 Page - Rohm

  BA226F Datasheet HTML 1Page - Rohm BA226F Datasheet HTML 2Page - Rohm BA226F Datasheet HTML 3Page - Rohm BA226F Datasheet HTML 4Page - Rohm BA226F Datasheet HTML 5Page - Rohm BA226F Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Standard ICs
BA225 / BA225F / BA235 / BA226 / BA226F / BA236
•Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
16
V
Power
dissipation
BA225 / BA226
BA235 / BA236
BA225F / BA226F
Pd
800∗1
950∗2
450∗3
mW
mW
mW
Operating temperature
Topr
°C
– 20 ~ + 75
Storage temperature
Tstg
°C
– 55 ~ + 125
∗1 Reduced by 8mW for each increase in Ta of 1°C over 25°C.
∗2 Reduced by 9.5mW for each increase in Ta of 1°C over 25°C.
∗3 Reduced by 4.5mW for each increase in Ta of 1°C over 25°C.
•Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = 5V)
BA236
Parameter
Symbol Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
Operating power supply voltage
4.0
5.0
16.0
V
—
Fig.7
Quiescent current
IQ
—
1.5
3.0
mA
—
Fig.7
Timing accuracy
TERR
—
10
%
Fig.7
Timing change with power supply
TDS
—
0.5
3.0
%
5V¨16V
Fig.7
Timing change with temperature
TOT
—
200
—
—
Fig.7
Trigger voltage
VT
1.0
2.0
3.0
V
∗2
Fig.7
0.7
1.6
2.5
Trigger current
IT
—
70
200
µA
Fig.7
Output low level voltage
VOL
—
0.5
1.0
V
Fig.7
Output high level voltage
VOH
3.0
4.0
—
V
Fig.7
VCC
1
R = 100k
Ω, C = 0.1µF∗1
VT = 3.0V (BA225 / BA235)
VT = 2.5V (BA226 / BA226F / BA236)
ppm /
°C
∗1 One-shot cycle T = 0.5 CR
∗2 With input hysteresis (hysteresis width 200 to 600mV)
ISINK = 5mA
ISOURCE = 5mA
•Electrical characteristic curves
4
3
"H" output
"L" output
2
1
0
POWER SUPPLY VOLTAGE: VCC (V)
04
12
820
16
Fig. 1 Quiescent current vs. power
supply voltage
2.0
1.0
0
SINK CURRENT: ISINK (mA)
04
12
820
16
VCC = 5V
Fig. 3 Output voltage (logic 0
side) characteristics
3.2
2.4
VCC = 5V
1.6
0.8
2.8
2.0
1.2
0.4
0
SOURCE CURRENT: ISOURCE (mA)
04
12
820
16
Fig. 2 Output voltage (logic 1
side) characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com