Electronic Components Datasheet Search
  English  ▼

X  

VNV35N07 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNV35N07
Description  O"MNIFET”: FULLY AUTOPROTECTED POWER MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNV35N07 Datasheet(HTML) 1 Page - STMicroelectronics

  VNV35N07 Datasheet HTML 1Page - STMicroelectronics VNV35N07 Datasheet HTML 2Page - STMicroelectronics VNV35N07 Datasheet HTML 3Page - STMicroelectronics VNV35N07 Datasheet HTML 4Page - STMicroelectronics VNV35N07 Datasheet HTML 5Page - STMicroelectronics VNV35N07 Datasheet HTML 6Page - STMicroelectronics VNV35N07 Datasheet HTML 7Page - STMicroelectronics VNV35N07 Datasheet HTML 8Page - STMicroelectronics VNV35N07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
VNP35N07FI
VNB35N07/VNV35N07
”OMNIFET”:
FULLY AUTOPROTECTED POWER MOSFET
June 1998
BLOCK DIAGRAM (
∗)
TYPE
Vclamp
RDS( on)
Ilim
VNP35N07FI
VNB35N07
VNV35N07
70 V
70 V
70 V
0.028
Ω
0.028
Ω
0.028
Ω
35 A
35 A
35 A
s
LINEAR CURRENT LIMITATION
s
THERMAL SHUT DOWN
s
SHORT CIRCUIT PROTECTION
s
INTEGRATED CLAMP
s
LOW CURRENT DRAWN FROM INPUT PIN
s
DIAGNOSTIC FEEDBACK THROUGH INPUT
PIN
s
ESD PROTECTION
s
DIRECT ACCESS TO THE GATE OF THE
POWER MOSFET (ANALOG DRIVING)
s
COMPATIBLE WITH STANDARD POWER
MOSFET
DESCRIPTION
The VNP35N07FI, VNB35N07 and VNV35N07
are
monolithic
devices
made
using
STMicroelectronics
VIPower M0
Technology,
intended for replacement of standard power
MOSFETS in DC to 50 KHz applications. Built-in
thermal shut-down, linear current limitation and
overvoltage clamp protect the chip in harsh
enviroments.
Fault feedback can be detected by monitoring the
voltage at the input pin.
1
10
PowerSO-10
1
2
3
1
3
D2PAK
TO-263
ISOWATT220
(
∗) PowerSO-10 Pin Configuration : INPUT = 6,7,8,9,10; SOURCE = 1,2,4,5; DRAIN = TAB
®
1/13


Similar Part No. - VNV35N07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNV35N07 STMICROELECTRONICS-VNV35N07 Datasheet
153Kb / 13P
OMNIFET FULLY AUTOPROTECTED POWER MOSFET
Jun-1998
VNV35N07-E STMICROELECTRONICS-VNV35N07-E Datasheet
464Kb / 24P
OMNIFET: fully autoprotected Power MOSFET
02-Feb-2015
VNV35N07TR-E STMICROELECTRONICS-VNV35N07TR-E Datasheet
464Kb / 24P
OMNIFET: fully autoprotected Power MOSFET
02-Feb-2015
More results

Similar Description - VNV35N07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH50N04 STMICROELECTRONICS-VNH50N04 Datasheet
94Kb / 7P
FULLY AUTOPROTECTED POWER MOSFET
Sep-1994
VND10N06 STMICROELECTRONICS-VND10N06 Datasheet
510Kb / 25P
fully autoprotected Power MOSFET
12-Dec-2008
VNN3NV04TR-E STMICROELECTRONICS-VNN3NV04TR-E Datasheet
469Kb / 26P
fully autoprotected Power MOSFET
05-Apr-2011
VNP10N07-E STMICROELECTRONICS-VNP10N07-E Datasheet
376Kb / 11P
FULLY AUTOPROTECTED POWER MOSFET
Sep-2013
VND7N04-E STMICROELECTRONICS-VND7N04-E Datasheet
602Kb / 18P
Fully autoprotected power MOSFET
25-Sep-2013
VNP28N04-E STMICROELECTRONICS-VNP28N04-E Datasheet
374Kb / 11P
FULLY AUTOPROTECTED POWER MOSFET
Sep-2013
VNS3NV04P-E STMICROELECTRONICS-VNS3NV04P-E Datasheet
287Kb / 22P
fully autoprotected Power MOSFET
18-Sep-2013
VND5N07-E STMICROELECTRONICS-VND5N07-E Datasheet
618Kb / 24P
fully autoprotected Power MOSFET
25-Sep-2013
VNB10N07-E STMICROELECTRONICS-VNB10N07-E Datasheet
399Kb / 14P
FULLY AUTOPROTECTED POWER MOSFET
Jun-1998
VNP35NV04-E STMICROELECTRONICS-VNP35NV04-E Datasheet
310Kb / 19P
FULLY AUTOPROTECTED POWER MOSFET
Mar-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com