Electronic Components Datasheet Search
  English  ▼

X  

SC802 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC802
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC802 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC802_08 Datasheet HTML 10Page - Semtech Corporation SC802_08 Datasheet HTML 11Page - Semtech Corporation SC802_08 Datasheet HTML 12Page - Semtech Corporation SC802_08 Datasheet HTML 13Page - Semtech Corporation SC802_08 Datasheet HTML 14Page - Semtech Corporation SC802_08 Datasheet HTML 15Page - Semtech Corporation SC802_08 Datasheet HTML 16Page - Semtech Corporation SC802_08 Datasheet HTML 17Page - Semtech Corporation SC802_08 Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
© 2008 Semtech Corporation
SC802/SC802A
16
Evaluation Board Schematic
C1
1μF
R6
1M
JP1
4.2V
1
2
R2
D1
CHRG
JP4
4.1V
1
2
TP8
RGND
1
R9
0
JP2
TINT
1
2
R8
No
Pop
R4
3.01k
R7
37.5k
D2
CP
C2
No
Pop
C3
2.2μF
R1
10k
JP3
LDO
1
2
R5
0
D3
No
Pop
R3
3k
TP7
ISENSE
1
TP3
EN-NTC
1
TP2
Charger-
1
TP2
Charger+
1
TP6
AFC
1
TP4
VOUT
1
TP5
GND
1
100k
SC802/SC802A
VCC1
BSEN
IPRGM
EN_NTC
ITERM
VOUT2
RTIM
CHRGB
VPRGM
CPB
RFGND
BIPB
VCC2
GND
VOUT1
AFC
13
14
3
7
4
8
6
5
11
10
12
2
1
15
16
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com