Electronic Components Datasheet Search
  English  ▼

X  

SC802A Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC802A
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC802A Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC802A Datasheet HTML 2Page - Semtech Corporation SC802A Datasheet HTML 3Page - Semtech Corporation SC802A Datasheet HTML 4Page - Semtech Corporation SC802A Datasheet HTML 5Page - Semtech Corporation SC802A Datasheet HTML 6Page - Semtech Corporation SC802A Datasheet HTML 7Page - Semtech Corporation SC802A Datasheet HTML 8Page - Semtech Corporation SC802A Datasheet HTML 9Page - Semtech Corporation SC802A Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
© 2008 Semtech Corporation
SC802/SC802A
6
Typical Characteristics
Output Current (SC802) versus R
IPRGM
0
0.5
1
1.5
2
0.75
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6.5
7
RIPRGM (k )
IFQ
0
50
100
150
200
250
0.8
1.5
2.5
3.5
4.5
6
8.5
10
11.85
14
RITERM (k )
IPQ
ITERM
0
2
4
6
8
10
20
40
60
80
TPreQ
TQCOMP
RRTIME (k )
0
100
200
300
400
500
600
700
1000
800
600
500
450
300
250
200
100
54
Output Current (mA)
3
3.2
3.4
3.6
3.8
4
4.2
4.4
0
25
50
75
100
125
150
175
200
225
t (minutes)
0
0.1
0.2
0.3
0.4
0.5
0.6
VVOUT
IVOUT
VCHRGB
Output Current (SC802) versus R
ITERM
Drop-out Voltage versus Output Current
Time-out versus Output R
RTIME
Battery Charge Profile
Ω
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com