Electronic Components Datasheet Search
  English  ▼

X  

SC4519HSETRT Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4519HSETRT
Description  600kHz, 3A Step-Down Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4519HSETRT Datasheet(HTML) 2 Page - Semtech Corporation

  SC4519HSETRT Datasheet HTML 1Page - Semtech Corporation SC4519HSETRT Datasheet HTML 2Page - Semtech Corporation SC4519HSETRT Datasheet HTML 3Page - Semtech Corporation SC4519HSETRT Datasheet HTML 4Page - Semtech Corporation SC4519HSETRT Datasheet HTML 5Page - Semtech Corporation SC4519HSETRT Datasheet HTML 6Page - Semtech Corporation SC4519HSETRT Datasheet HTML 7Page - Semtech Corporation SC4519HSETRT Datasheet HTML 8Page - Semtech Corporation SC4519HSETRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4519H
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
t
i
m
i
Ls
t
i
n
U
e
g
a
tl
o
V
y
l
p
p
u
S
t
u
p
n
IV
N
I
8
2
+
o
t
3
.
0
-
)
1
(
V
V
e
v
o
b
A
n
i
P
t
s
o
o
B
W
S
V
(
T
S
B
V
-
W
S )6
1V
e
g
a
tl
o
V
n
i
P
t
s
o
o
BV
T
S
B
2
3
+
o
t
3
.
0
-V
e
g
a
tl
o
V
n
i
P
N
EV
N
E
4
2
+
o
t
3
.
0
-V
e
g
a
tl
o
V
n
i
P
B
FV
B
F
6
+
o
t
3
.
0
-V
t
n
e
r
r
u
C
n
i
P
B
FI
B
F
1A
m
t
n
e
r
r
u
C
n
i
P
C
N
Y
SI
C
N
Y
S
1A
m
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
θ
A
J
5
.
6
3
)
2
(
W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
OT
A
5
8
+
o
t
0
4
-C
°
m
u
m
i
x
a
Me
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
JT
J
0
5
1
+C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
c
e
s
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
ED
S
E2
V
k
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
tl
o
V
t
u
p
n
I
g
n
it
a
r
e
p
OV
N
I
4
2 )1
(
V
ti
m
i
L
t
n
e
r
r
u
C
h
c
ti
w
S
m
u
m
i
x
a
MI
W
S
T
A
%
0
5
=
D
,
C
°
5
2
=5
.
35
.
5A
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
Of
C
S
O
0
0
50
0
60
0
7z
H
k
p
o
r
D
e
g
a
tl
o
V
n
O
h
c
ti
w
SV
)
W
S
(
D
I
W
S
A
3
=0
2
2V
m
V
N
I
t
u
o
k
c
o
L
e
g
a
tl
o
v
r
e
d
n
UV
O
L
V
U
9
.
34
.
4V
V
N
I
s
i
s
e
r
e
t
s
y
H
O
L
V
U
0
6V
m
V
N
I
t
n
e
r
r
u
C
y
l
p
p
u
SI
Q
V
B
F
V
1
=3
5
A
m
t
n
e
r
r
u
C
y
b
d
n
a
t
SI
)
F
F
O
(
Q
V
N
E
V
0
=0
0
10
5
1A
µ
Electrical Characteristics
Notes:
(1) For proper operation of device, V
IN should be within maximum Operating Input Voltage as defined in Electrical
Characteristics.
(2) ThetaJA is calculated from a package in still air, mounted to 3" x 4.5", 4 layer FR4 PCB with thermal vias under exposed
pad per JESD51 standards.
Unless specified: V
IN = 12V, VCOMP = 0.8V, VBST = VIN + 5V, EN = tied to VIN, SYNC = 0, SW = open.
T
A = TJ = -40°C to 125°C.
Absolute Maximum Ratings
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not implied. Exposure to Absolute Maximum rated conditions for extended periods of time may
affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com