Electronic Components Datasheet Search
  English  ▼

X  

SC4250 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4250
Description  Negative Voltage Hot Swap Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4250 Datasheet(HTML) 4 Page - Semtech Corporation

  SC4250 Datasheet HTML 1Page - Semtech Corporation SC4250 Datasheet HTML 2Page - Semtech Corporation SC4250 Datasheet HTML 3Page - Semtech Corporation SC4250 Datasheet HTML 4Page - Semtech Corporation SC4250 Datasheet HTML 5Page - Semtech Corporation SC4250 Datasheet HTML 6Page - Semtech Corporation SC4250 Datasheet HTML 7Page - Semtech Corporation SC4250 Datasheet HTML 8Page - Semtech Corporation SC4250 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
 2005 Semtech Corp.
www.semtech.com
SC4250
POWER MANAGEMENT
Notes:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.
(2) Lead free product. This product is fully WEEE and RoHS
compliant.
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
P
)
1
(
R
T
S
I
H
0
5
2
4
C
S
8
-
O
S
T
R
T
S
I
H
0
5
2
4
C
S
)
2
(
R
T
S
I
L
0
5
2
4
C
S
T
R
T
S
I
L
0
5
2
4
C
S
)
2
(
Pin Configuration
Ordering Information
Pin Descriptions
1
2
3
4
VCC
PWRGD/PWRGD
TOP VIEW
(SO-8)
5
6
7
8
DRAIN
OV
GATE
UV
SENSE
VEE
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1D
G
R
W
P
/
D
G
R
W
PV
n
e
h
w
e
l
g
g
o
t
ll
i
w
n
i
p
s
i
h
T
.
n
i
p
t
u
p
t
u
o
d
o
o
G
r
e
w
o
P
N
I
A
R
D
V
n
i
h
ti
w
s
i
G
P
V
f
o
E
E
n
a
c
n
i
p
s
i
h
T
.
.l
a
n
o
it
p
o
s
i
E
E
V
o
t
F
µ
1
.
0
,
e
l
u
d
o
m
r
e
w
o
p
a
f
o
n
i
p
e
l
b
a
n
e
e
h
t
o
t
y
lt
c
e
r
i
d
d
e
t
c
e
n
n
o
c
e
b
2V
O
e
g
a
tl
o
v
r
e
v
o
n
a
,
d
l
o
h
s
e
r
h
t
V
3
2
2
.
1
e
h
t
e
v
o
b
a
d
e
ll
u
p
s
i
V
O
n
e
h
W
.t
u
p
n
i
e
g
a
tl
o
v
r
e
v
O
g
o
l
a
n
A
ll
i
w
n
i
p
E
T
A
G
e
h
T
.
w
o
l
d
e
ll
u
p
y
l
e
t
a
i
d
e
m
m
i
e
b
ll
i
w
n
i
p
E
T
A
G
e
h
t
d
n
a
d
e
t
c
e
t
e
d
s
i
n
o
it
i
d
n
o
c
.
d
l
o
h
s
e
r
h
t
w
o
l
o
t
h
g
i
h
V
8
8
1
.
1
e
h
t
w
o
l
e
b
s
p
o
r
d
V
O
li
t
n
u
w
o
l
n
i
a
m
e
r
3V
U
n
a
,
d
l
o
h
s
e
r
h
t
V
3
2
2
.
1
e
h
t
w
o
l
e
b
d
e
ll
u
p
s
i
V
U
n
e
h
W
.t
u
p
n
i
e
g
a
tl
o
v
r
e
d
n
U
g
o
l
a
n
A
e
h
T
.
w
o
l
d
e
ll
u
p
y
l
e
t
a
i
d
e
m
m
i
e
b
ll
i
w
n
i
p
E
T
A
G
e
h
t
d
n
a
d
e
t
c
e
t
e
d
s
i
n
o
it
i
d
n
o
c
e
g
a
tl
o
v
r
e
d
n
u
o
s
l
a
s
i
n
i
p
V
U
e
h
T
.
d
l
o
h
s
e
r
h
t
3
7
2
.
1
e
h
t
e
v
o
b
a
s
e
s
ir
V
U
li
t
n
u
w
o
l
n
i
a
m
e
r
ll
i
w
n
i
p
E
T
A
G
s
i
n
i
p
V
U
e
h
t
fI
.
n
o
i
s
r
e
v
"
F
F
O
h
c
t
a
l
"
e
h
t
n
i
r
e
k
a
e
r
b
ti
u
c
r
i
c
c
i
n
o
r
t
c
e
l
e
e
h
t
t
e
s
e
r
o
t
d
e
s
u
d
n
a
t
e
s
e
r
s
i
r
e
k
a
e
r
b
ti
u
c
r
i
c
e
h
t
,r
e
k
a
e
r
b
ti
u
c
r
i
c
e
h
t
f
o
p
ir
t
e
h
t
g
n
i
w
o
ll
o
f
h
g
i
h
d
n
a
w
o
l
d
e
l
c
y
c
.r
u
c
c
o
ll
i
w
e
c
n
e
u
q
e
s
p
u
-
r
e
w
o
p
l
a
m
r
o
n
a
4E
E
V
.
y
l
p
p
u
s
r
e
w
o
p
e
h
t
f
o
l
a
it
n
e
t
o
p
r
e
w
o
l
e
h
t
o
t
t
c
e
n
n
o
C
.t
u
p
n
i
e
g
a
tl
o
v
y
l
p
p
u
s
e
v
it
a
g
e
N
5E
S
N
E
S
V
n
e
e
w
t
e
b
h
t
a
p
y
l
p
p
u
s
e
h
t
n
i
d
e
c
a
l
p
r
o
t
s
i
s
e
r
e
s
n
e
s
a
h
ti
W
.
n
i
p
e
s
n
e
s
r
e
k
a
e
r
b
ti
u
c
r
i
C
E
E
s
d
e
e
c
x
e
r
o
t
s
i
s
e
r
e
h
t
s
s
o
r
c
a
e
g
a
tl
o
v
e
h
t
n
e
h
w
p
ir
t
ll
i
w
r
e
k
a
e
r
b
ti
u
c
r
i
c
e
h
t
,
E
S
N
E
S
d
n
a
fI
.r
e
k
a
e
r
b
ti
u
c
r
i
c
e
h
t
p
ir
t
t
o
n
ll
i
w
d
n
a
t
u
o
d
e
r
e
tl
if
e
r
a
s
µ
2
n
a
h
t
s
s
e
l
f
o
s
e
k
i
p
s
e
s
i
o
N
.
V
m
0
6
s
i
V
m
5
2
y
l
n
o
,t
n
e
r
r
u
c
g
n
it
a
r
e
p
o
l
a
m
r
o
n
e
h
t
e
c
i
w
t
o
t
t
e
s
s
i
t
n
e
r
r
u
c
p
ir
t
r
e
k
a
e
r
b
ti
u
c
r
i
c
e
h
t
,r
e
k
a
e
r
b
ti
u
c
r
i
c
e
h
t
e
l
b
a
s
i
d
o
T
.
n
o
it
a
r
e
p
o
l
a
m
r
o
n
g
n
ir
u
d
r
o
t
s
i
s
e
r
e
s
n
e
s
e
h
t
s
s
o
r
c
a
d
e
p
p
o
r
d
V
E
E
.r
e
h
t
e
g
o
t
d
e
t
r
o
h
s
e
b
n
a
c
E
S
N
E
S
d
n
a
6E
T
A
G
g
n
i
w
o
ll
o
f
e
h
t
n
e
h
w
h
g
i
h
o
g
ll
i
w
n
i
p
E
T
A
G
e
h
T
.l
e
n
n
a
h
c
-
N
l
a
n
r
e
t
x
e
r
o
f
t
u
p
t
u
o
e
v
ir
d
e
t
a
G
V
(
d
n
a
w
o
l
s
i
n
i
p
V
O
e
h
t
,
h
g
i
h
s
i
n
i
p
V
U
e
h
t
:t
e
m
e
r
a
s
n
o
it
i
d
n
o
c
p
u
-
t
r
a
t
s
E
S
N
E
S
V
-
E
E
<
)
A
m
0
4
a
h
ti
w
w
o
l
d
e
ll
u
p
d
n
a
e
c
r
u
o
s
t
n
e
r
r
u
c
A
µ
0
5
a
y
b
h
g
i
h
d
e
ll
u
p
s
i
n
i
p
E
T
A
G
e
h
T
.
V
m
0
6
.
e
c
r
u
o
s
t
n
e
r
r
u
c
7N
I
A
R
D
T
E
F
l
e
n
n
a
h
c
-
N
l
a
n
r
e
t
x
e
e
h
t
f
o
n
i
a
r
d
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
.t
u
p
n
i
e
s
n
e
s
n
i
a
r
D
g
o
l
a
n
A
V
w
o
l
e
b
s
i
n
i
p
N
I
A
R
D
e
h
t
n
e
h
W
.
e
l
u
d
o
m
r
e
w
o
p
e
h
t
f
o
n
i
p
)
-
(
V
e
h
t
d
n
a
G
P
r
o
D
G
R
W
P
e
h
t
,
.
e
l
g
g
o
t
ll
i
w
n
i
p
D
G
R
W
P
8C
C
V
y
l
p
p
u
s
r
e
w
o
p
e
h
t
f
o
l
a
it
n
e
t
o
p
r
e
h
g
i
h
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
.t
u
p
n
i
e
g
a
tl
o
v
y
l
p
p
u
s
e
v
it
i
s
o
P
e
l
u
d
o
m
r
e
w
o
p
e
h
t
f
o
n
i
p
)
+
(
V
e
h
t
d
n
a
t
u
p
n
i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com