Electronic Components Datasheet Search
  English  ▼

X  

SC4524B Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4524B
Description  18V 2A Step-Down Switching Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524B Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4524B Datasheet HTML 3Page - Semtech Corporation SC4524B Datasheet HTML 4Page - Semtech Corporation SC4524B Datasheet HTML 5Page - Semtech Corporation SC4524B Datasheet HTML 6Page - Semtech Corporation SC4524B Datasheet HTML 7Page - Semtech Corporation SC4524B Datasheet HTML 8Page - Semtech Corporation SC4524B Datasheet HTML 9Page - Semtech Corporation SC4524B Datasheet HTML 10Page - Semtech Corporation SC4524B Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SC4524B
7
Typical Characteristics
(1)
Efficiency
40
45
50
55
60
65
70
75
80
85
90
0
0.5
1
1.5
2
Load Current (A)
SC4524A/B
VO=5V
VO=3.3V
VO=2.5V
VO=1.5V
1MHz, VIN =12V
D2=20BQ030
(7)
Switch Saturation Voltage
vs Switch Current
50
100
150
200
250
300
0.0
0.5
1.0
1.5
2.0
2.5
Switch Current (A)
SS270 REV 6-7
-40oC
125oC
25oC
(4)
Frequency Setting Resistor
vs Frequency
1
10
100
1000
0
0.5
1
1.5
2
2.5
Frequency (MHz)
SS270 REV 6-7
VIN =12V
(3)
Feedback Voltage vs Temperature
0.97
0.98
0.99
1.00
1.01
1.02
-50 -25
0
25
50
75 100 125
Temperature (oC)
SS270 REV 6-7
VIN =12V
(9)
BST Pin Current vs Switch Current
0.0
25.0
50.0
75.0
100.0
0
0.5
1
1.5
2
2.5
3
Switch Current (A)
SS270 REV 6-7
-40oC
125oC
VIN =12V
VBST =15V
(6)
Foldback Frequency vs VFB
0
0.25
0.5
0.75
1
1.25
0.0
0.2
0.4
0.6
0.8
1.0
VFB (V)
TA =25oC
ROSC=12.1k
ROSC=93.1k
(2)
Efficiency
40
45
50
55
60
65
70
75
80
85
90
0
0.5
1
1.5
2
Load Current (A)
SC4524A/B
VO=3.3V
VO=2.5V
VO=1.5V
VO=1.0V
1MHz, VIN=5V
D2=20BQ030
(8)
Switch Current Limit vs Temperature
2.5
3.0
3.5
4.0
4.5
-50 -25
0
25
50
75 100 125
Temperature (oC)
SS270 REV 6-7
(5)
Frequency vs Temperature
0.8
0.9
1.0
1.1
1.2
-50 -25
0
25
50
75 100 125
Temperature (oC)
SS270 REV 6-7
ROSC=12.1k
ROSC=93.1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com