Electronic Components Datasheet Search
  English  ▼

X  

SC4612H Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4612H
Description  40V Synchronous Buck Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612H Datasheet(HTML) 1 Page - Semtech Corporation

  SC4612H Datasheet HTML 1Page - Semtech Corporation SC4612H Datasheet HTML 2Page - Semtech Corporation SC4612H Datasheet HTML 3Page - Semtech Corporation SC4612H Datasheet HTML 4Page - Semtech Corporation SC4612H Datasheet HTML 5Page - Semtech Corporation SC4612H Datasheet HTML 6Page - Semtech Corporation SC4612H Datasheet HTML 7Page - Semtech Corporation SC4612H Datasheet HTML 8Page - Semtech Corporation SC4612H Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
www.semtech.com
SC4612H
40V Synchronous Buck Controller
POWER MANAGEMENT
Description
Features
Applications
Typical Application Circuit
u Wide input voltage range, 4.75V to 40V
u Internally regulated DRV
u 1.7A gate drive capability
u Low side R
DS-ON sensing with hiccup OCP
u Programmable current limit
u Programmable frequency up to 1.2 MHz
u Overtemperature protected
u Pre-bias startup
u Reference accuracy ±1%
u Available in MLPD-12 4 x 3 and SOIC-14 Pb-free
packages. This product is fully WEEE and RoHS
compliant
SC4612H is a high performance synchronous buck
controller that can be configured for a wide range of
applications. The SC4612H utilizes synchronous rectified
buck topology where high efficiency is the primary
consideration. SC4612H can be used over a wide input
voltage range with output voltage adjustable within limits
set by the duty cycle boundaries.
SC4612H comes with a rich set of features such as
regulated DRV supply, programmable soft-start, high
current gate drivers, shoot through protection, R
DS-ON
sensing with hiccup over current protection.
u Distributed power architectures
u Telecommunication equipment
u Servers/work stations
u Mixed signal applications
u Base station power management
u Point of use low voltage high current applications
Revision: August 14, 2008
Q1
Q2
L1
C8
C10
+
_
+
_
Vin
Vout
R2
R4
C5
R1
adj
C1
C9
C2
R5
C3
D1
C7
C4
I LIM
1
PHASE
12
OSC
2
SS/EN
3
FB
5
VDD
6
GND
7
DL
8
DRV
9
BST
10
DH
11
EAO
4
U1
S C4612MLP
R3
opt
R6
C6
C11
Cin


Similar Part No. - SC4612H

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4612H SEMTECH-SC4612H Datasheet
1Mb / 18P
40V Synchronous Buck Controller
SC4612HEVB SEMTECH-SC4612HEVB Datasheet
1Mb / 18P
40V Synchronous Buck Controller
SC4612HMLTRT SEMTECH-SC4612HMLTRT Datasheet
1Mb / 18P
40V Synchronous Buck Controller
SC4612HSTRT SEMTECH-SC4612HSTRT Datasheet
1Mb / 18P
40V Synchronous Buck Controller
SC4612H SEMTECH-SC4612H_09 Datasheet
1Mb / 18P
40V Synchronous Buck Controller
More results

Similar Description - SC4612H

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6133 SIPEX-SP6133 Datasheet
1,022Kb / 20P
Synchronous Buck Controller
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
Synchronous Buck Controller
logo
Maxim Integrated Produc...
MAX15046 MAXIM-MAX15046 Datasheet
3Mb / 23P
40V, High-Performance, Synchronous Buck Controller
Rev 0; 7/09
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Maxim Integrated Produc...
MAX15046 MAXIM-MAX15046_10 Datasheet
3Mb / 24P
40V, High-Performance, Synchronous Buck Controller
19-4719; Rev 1; 2/10
logo
Semtech Corporation
SC4612H SEMTECH-SC4612H_09 Datasheet
1Mb / 18P
40V Synchronous Buck Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
Synchronous Buck Controller
REV. A
LTC7817 AD-LTC7817 Datasheet
2Mb / 44P
40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
logo
Major-Power Technology ...
MA5621 MPOWER-MA5621 Datasheet
320Kb / 2P
40V Synchronous Buck Controller with 2ch CC/CV
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com