Electronic Components Datasheet Search
  English  ▼

X  

SC4539 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC4539
Description  High Effi ciency Boost Converter for up to 6 LEDS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4539 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC4539 Datasheet HTML 2Page - Semtech Corporation SC4539 Datasheet HTML 3Page - Semtech Corporation SC4539 Datasheet HTML 4Page - Semtech Corporation SC4539 Datasheet HTML 5Page - Semtech Corporation SC4539 Datasheet HTML 6Page - Semtech Corporation SC4539 Datasheet HTML 7Page - Semtech Corporation SC4539 Datasheet HTML 8Page - Semtech Corporation SC4539 Datasheet HTML 9Page - Semtech Corporation SC4539 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Typical Characteristics (continued)
SC4539
I
BL Error vs. PWM Frequency at 50% Duty Cycle
I
BL vs. Duty Cycle
PWM Operation at 50kHz and 15% Duty Cycle
PWM Operation at 200Hz and 1% Duty Cycle
PWM Operation at 32kHz and 50% Duty Cycle
PWM Operation at 32kHz and 10% Duty Cycle
0
20
40
60
80
100
0
20
40
60
80
100
32kHz
50kHz
200Hz
PWM Duty Cycle (%)
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
0.1
1
10
100
PWM Frequency (kHz)
10μs/div
V
LX
(20V/div)
I
OUT
(20mA/div)
V
OUT
(20V/div)
V
EN
(2V/div)
2ms/div
V
LX
(20V/div)
I
OUT
(20mA/div)
V
OUT
(10V/div)
V
EN
(2V/div)
4μs/div
V
LX
(20V/div)
I
OUT
(20mA/div)
V
OUT
(20V/div)
V
EN
(2V/div)
V
LX
(20V/div)
I
OUT
(20mA/div)
V
OUT
(20V/div)
V
EN
(2V/div)
10μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com