Electronic Components Datasheet Search
  English  ▼

X  

SC4612HEVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4612HEVB
Description  40V Synchronous Buck Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612HEVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC4612HEVB Datasheet HTML 1Page - Semtech Corporation SC4612HEVB Datasheet HTML 2Page - Semtech Corporation SC4612HEVB Datasheet HTML 3Page - Semtech Corporation SC4612HEVB Datasheet HTML 4Page - Semtech Corporation SC4612HEVB Datasheet HTML 5Page - Semtech Corporation SC4612HEVB Datasheet HTML 6Page - Semtech Corporation SC4612HEVB Datasheet HTML 7Page - Semtech Corporation SC4612HEVB Datasheet HTML 8Page - Semtech Corporation SC4612HEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
© 2008 Semtech Corp.
www.semtech.com
SC4612H
POWER MANAGEMENT
Absolute Maximum Ratings
All voltages with respect to GND. Positive currents are into, and negative currents are out of the specified terminal. Pulsed
is defined as a less than 10% duty cycle with a maximum duration of 500ns. Consult Packaging Section of Data sheet for
thermal limitations and considerations of packages.
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in
the Electrical Characteristics section is not implied.
Note:
(1). ThetaJA is calculated from a package in still air, mounted to a 3” x 4.5”, 4 layer FR4PCB with thermal vias (if applicable)
per JESD51 standards.
Parameter
Symbol
Maximum
Units
Bias Supply Voltage to GND
VDD
-0.3 to 45
V
PHASE to GND
VIN
-2 to +55
V
DRV, ILIM, DL to GND, BST, DH to PHASE
-0.3 to 10
V
EAO, SS/EN, FB, OSC to GND
-0.3 to +5
V
DRV Source Current (peak)
100
mA
Thermal Resistance Junction to Ambient (MLPD) (1)
θ
JA
45.3
°C/W
Thermal Resistance Junction to Case (MLPD)
θ
JC
11
°C/W
Thermal Resistance Junction to Ambient (SOIC) (1)
θ
JA
115
°C/W
Thermal Resistance Junction to Case (SOIC)
θ
JC
45
°C/W
Storage Temperature Range
T
STG
-65 to +150
°C
Peak IR Reflow Temperature (10-40s)
T
IR Reflow
260
°C
Lead Temperature (10s), (SOIC-14)
T
LEAD
300
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage Range
VDD
5
40
V
Ambient Temperature Range
T
A
-40
105
oC
Junction Temperature Range
T
J
-40
125
oC
Recommended Operating Condi
tions
Performance is not guaranteed if the conditions below are exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com