Electronic Components Datasheet Search
  English  ▼

X  

VNQ600 Datasheet(PDF) 15 Page - STMicroelectronics

Part # VNQ600
Description  QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ600 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VNQ600 Datasheet HTML 10Page - STMicroelectronics VNQ600 Datasheet HTML 11Page - STMicroelectronics VNQ600 Datasheet HTML 12Page - STMicroelectronics VNQ600 Datasheet HTML 13Page - STMicroelectronics VNQ600 Datasheet HTML 14Page - STMicroelectronics VNQ600 Datasheet HTML 15Page - STMicroelectronics VNQ600 Datasheet HTML 16Page - STMicroelectronics VNQ600 Datasheet HTML 17Page - STMicroelectronics VNQ600 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15/18
VNQ600
Thermal fitting model of a four channels HSD
in SO-28
Pulse calculation formula
Thermal Parameter
Area/island (cm2)0.5
6
R1=R7=R13=R15 (°C/W)
0.05
R2=R8=R14=R16 (°C/W)
0.3
R3=R9 (°C/W)
3.4
R4=R10 (°C/W)
11
R5=R11 (°C/W)
15
R6=R12 (°C/W)
30
13
C1=C7=C13=C15 (W.s/°C)
0.001
C2=C8=C14=C16 (W.s/°C)
5.00E-03
C3=C9 (W.s/°C)
1.00E-02
C4=C10 (W.s/°C)
0.2
C5=C11 (W.s/°C)
1.5
C6=C12 (W.s/°C)
5
8
R17=R18 (°C/W)
150
Z
TH
δ
R
TH
δ Z
THtp 1
δ
–
()
+
⋅
=
where
δ
t
p T
⁄
=
SO-28 Thermal Impedance Junction Ambient Single Pulse
0.01
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
10
100
1000
time(s)
Zth(°C/W)
6 cm ^2/is land
3 cm ^2/is land
0,5 cm ^2/is land
One channel ON
Two channels
ON on same chip
Pd1
C1
R4
C3
C4
R3
R1
R6
R5
R2
C5
C6
C2
Pd2
R14
C13
C14
R13
Tj_1
Tj_2
T_amb
Pd3
C7
R10
C9
C10
R9
R7
R12
R11
R8
C11
C12
C8
Pd4
R16
C15
C16
R15
Tj_3
Tj_4
R17
R18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com