Electronic Components Datasheet Search
  English  ▼

X  

ISO7240CDW Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CDW
Description  HIGH SPEED QUAD DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7240CDW Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO7240CDW Datasheet HTML 12Page - Texas Instruments ISO7240CDW Datasheet HTML 13Page - Texas Instruments ISO7240CDW Datasheet HTML 14Page - Texas Instruments ISO7240CDW Datasheet HTML 15Page - Texas Instruments ISO7240CDW Datasheet HTML 16Page - Texas Instruments ISO7240CDW Datasheet HTML 17Page - Texas Instruments ISO7240CDW Datasheet HTML 18Page - Texas Instruments ISO7240CDW Datasheet HTML 19Page - Texas Instruments ISO7240CDW Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
TYPICAL CHARACTERISTIC CURVES
0
5
10
15
20
25
30
35
0
25
50
75
100
125
150
SignalingRate-Mbps
40
45
T =25°C,
Load=15pF,
AllChannels
A
5-VI
CC2
3.3-VI
CC2
3.3-VI
CC1
5-VI
CC1
0
5
10
15
20
25
30
35
40
45
0
25
50
75
100
125
150
SignalingRate-Mbps
T =25°C,
Load=15pF,
AllChannels
A
5-VI
CC2
3.3-VI
CC2
3.3-VI
CC1
5-VI
CC1
0
5
10
15
20
25
30
35
40
45
0
25
50
75
100
125
150
SignalingRate-Mbps
T =25°C,
Load=15pF,
AllChannels
A
5-VI
CC1,ICC2
3.3-VI
CC1,ICC2
0
5
10
15
20
25
30
35
40
45
-40
-25
-10
5
20
35
50
65
80
95
110
125
T -Free-AirTemperature- C
A
°
T =25°C,
Load=15pF,
AllChannels
A
C3.3-V
,t
pHL
t
pLH
M3.3-V
,t
pHL
t
pLH
C5-V
,t
pHL
t
pLH
M5-V
,t
pHL
t
pLH
ISO7240CF, ISO7240C
,, ISO7240M
ISO7241C, ISO7241M
ISO7242C, ISO7242M
SLLS868I – SEPTEMBER 2007 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com
ISO7240C/M RMS SUPPLY CURRENT
ISO7241C/M RMS SUPPLY CURRENT
vs
vs
SIGNALING RATE
SIGNALING RATE
Figure 7.
Figure 8.
ISO7242C/M RMS SUPPLY CURRENT
PROPAGATION DELAY
vs
vs
SIGNALING RATE
FREE-AIR TEMPERATURE
Figure 9.
Figure 10.
16
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ISO7240CF, ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com