Electronic Components Datasheet Search
  English  ▼

X  

ISO7240C Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240C
Description  HIGH SPEED QUAD DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7240C Datasheet(HTML) 4 Page - Texas Instruments

  ISO7240C Datasheet HTML 1Page - Texas Instruments ISO7240C Datasheet HTML 2Page - Texas Instruments ISO7240C Datasheet HTML 3Page - Texas Instruments ISO7240C Datasheet HTML 4Page - Texas Instruments ISO7240C Datasheet HTML 5Page - Texas Instruments ISO7240C Datasheet HTML 6Page - Texas Instruments ISO7240C Datasheet HTML 7Page - Texas Instruments ISO7240C Datasheet HTML 8Page - Texas Instruments ISO7240C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ELECTRICAL CHARACTERISTICS: VCC1 and VCC2 at 5-V
(1) OPERATION
ISO7240CF, ISO7240C
,, ISO7240M
ISO7241C, ISO7241M
ISO7242C, ISO7242M
SLLS868I – SEPTEMBER 2007 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com
, over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
Quiescent
1
3
VI = VCC or 0 V, All channels, no load,
ISO7240C/M
mA
EN2 at 3 V
25 Mbps
7
10.5
Quiescent
6.5
10
VI = VCC or 0 V, All channels, no load,
ICC1
ISO7241C/M
mA
EN1 at 3 V, EN2 at 3 V
25 Mbps
12
18
Quiescent
10
16
VI = VCC or 0 V, All channels, no load,
ISO7242C/M
mA
EN1 at 3 V, EN2 at 3 V
25 Mbps
15
24
Quiescent
15
22
VI = VCC or 0 V, All channels, no load,
ISO7240C/M
mA
EN2 at 3 V
25 Mbps
17
25
Quiescent
13
20
VI = VCC or 0 V, All channels, no load,
ICC2
ISO7241C/M
mA
EN1 at 3 V, EN2 at 3 V
25 Mbps
18
28
Quiescent
10
16
VI = VCC or 0 V, All channels, no load,
ISO7242C/M
mA
EN1 at 3 V, EN2 at 3 V
25 Mbps
15
24
ELECTRICAL CHARACTERISTICS
IOFF
Sleep mode output current
EN at 0 V, Single channel
0
µA
IOH = –4 mA, See Figure 1
VCC – 0.8
VOH
High-level output voltage
V
IOH = –20 µA, See Figure 1
VCC – 0.1
IOL = 4 mA, See Figure 1
0.4
VOL
Low-level output voltage
V
IOL = 20 µA, See Figure 1
0.1
VI(HYS)
Input voltage hysteresis
150
mV
IIH
High-level input current
10
IN from 0 V to VCC
µA
IIL
Low-level input current
–10
CI
Input capacitance to ground
IN at VCC, VI = 0.4 sin (4E6πt)
2
pF
CMTI
Common-mode transient immunity
VI = VCC or 0 V, See Figure 5
25
50
kV/
µs
(1)
For the 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V.
For the 3-V operation, VCC1 or VCC2 is specified from 3.15 V to 3.6 V.
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ISO7240CF, ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com