Electronic Components Datasheet Search
  English  ▼

X  

AA8622AP Datasheet(PDF) 2 Page - Agamem Microelectronic Inc.

Part # AA8622AP
Description  Dual Video Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.

AA8622AP Datasheet(HTML) 2 Page - Agamem Microelectronic Inc.

  AA8622AP Datasheet HTML 1Page - Agamem Microelectronic Inc. AA8622AP Datasheet HTML 2Page - Agamem Microelectronic Inc. AA8622AP Datasheet HTML 3Page - Agamem Microelectronic Inc. AA8622AP Datasheet HTML 4Page - Agamem Microelectronic Inc. AA8622AP Datasheet HTML 5Page - Agamem Microelectronic Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2006/7/5
2
Agamem Microelectronics Inc.
AA8622AP
PRELIMINARY
Dual Video Amplifier
PIN DESCRIPTION
Symbol
Pin No
Type
Function
Vin1
1
I
Channel1 input terminal of 1V composite signal
GND
2
-
Ground
Vsag1
3
O
Channel 1 SAG correction output
Vout1
4
O
Channel 1 output
Vout2
5
O
Channel 2 output
Vsag2
6
O
Channel 2 SAG correction output
VCC
7
-
5V power supply
Vin2
8
I
Channel 2 input terminal of 1V composite signal
ABSOLUTE MAXIMUM RATING
Ta = 25 ℃
Rating
Parameter
Symbol
MIN
TYP
MAX
UNIT
CONDITION
Supply Voltage
Vcc
-0.3
5
7
V
Operating
Ambient
Temperature
Ta
-25
75
℃
Storage
Temperature
Ts
-40
125
℃
NOTE :
Stress above those listed under “Absolute Maximum Rating” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those
indicated in the operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for the extended periods of
time may affect device reliability.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com