Electronic Components Datasheet Search
  English  ▼

X  

2SC2551 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC2551
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2551 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC2551 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2551 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2551 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2551 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC2551
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC2551
Hight Voltage Control Applications
Plasma Display, Nixie Tube Driver Applications
Cathode Ray Tube Brightness Control Applications
• High voltage: VCBO = 300 V, VCEO = 300 V
• Low saturation voltage: VCE (sat) = 0.5 V (max)
• Small collector output capacitance: Cob = 3 pF (typ.)
• Complementary to 2SA1091.
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
300
V
Collector-emitter voltage
VCEO
300
V
Emitter-base voltage
VEBO
6
V
Collector current
IC
100
mA
Base current
IB
20
mA
Collector power dissipation
PC
400
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 300 V, IE = 0
⎯
⎯
0.1
μA
Emitter cut-off current
IEBO
VEB = 6 V, IC = 0
⎯
⎯
0.1
μA
Collector-base breakdown voltage
V (BR) CBO
IC = 0.1 mA, IE = 0
300
⎯
⎯
V
Collector-emitter breakdown voltage
V (BR) CEO
IC = 1 mA, IB = 0
300
⎯
⎯
V
hFE (1)
(Note)
VCE = 10 V, IC = 20 mA
30
⎯
150
DC current gain
hFE (2)
VCE = 10 V, IC = 1 mA
20
⎯
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = 20 mA, IB = 2 mA
⎯
⎯
0.5
V
Base-emitter saturation voltage
VBE (sat)
IC = 20 mA, IB = 2 mA
⎯
⎯
1.2
V
Transition frequency
fT
VCE = 10 V, IC = 20 mA
50
80
⎯
MHz
Collector output capacitance
Cob
VCB = 20 V, IE = 0, f = 1 MHz
⎯
3
4
pF
Note: hFE (1) classification R: 30~90, O: 50~150
Industrial Applications
Unit: mm
JEDEC
TO-92
JEITA
SC-43
TOSHIBA
2-5F1B
Weight: 0.21 g (typ.)


Similar Part No. - 2SC2551

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2551 TOSHIBA-2SC2551 Datasheet
220Kb / 3P
TRANSISTOR (HIGHT VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
27-Nov-1997
logo
SeCoS Halbleitertechnol...
2SC2551 SECOS-2SC2551 Datasheet
772Kb / 3P
NPN Plastic Encapsulated Transistor
logo
Jiangsu Changjiang Elec...
2SC2551 JIANGSU-2SC2551 Datasheet
425Kb / 3P
TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2551 DGNJDZ-2SC2551 Datasheet
1Mb / 4P
TO-92 Plastic-Encapsulate Transistors
logo
Inchange Semiconductor ...
2SC2551 ISC-2SC2551 Datasheet
315Kb / 3P
isc Silicon NPN Power Transistor
More results

Similar Description - 2SC2551

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
2SD2655 TOSHIBA-2SD2655 Datasheet
70Kb / 2P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS)
Rev.1
RN4905 TOSHIBA-RN4905 Datasheet
162Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
07-Jun-2001
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
05-Jun-2001
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
07-Jun-2001
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
05-Jun-2001
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
05-Jun-2001
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
05-Jun-2001
TPCP8505 TOSHIBA-TPCP8505 Datasheet
205Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process
2SC1815L-GR TOSHIBA-2SC1815L-GR Datasheet
256Kb / 4P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com