Electronic Components Datasheet Search
  English  ▼

X  

AA8642 Datasheet(PDF) 1 Page - Agamem Microelectronic Inc.

Part # AA8642
Description  Dual Video Amplifier with LPF
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.

AA8642 Datasheet(HTML) 1 Page - Agamem Microelectronic Inc.

  AA8642 Datasheet HTML 1Page - Agamem Microelectronic Inc. AA8642 Datasheet HTML 2Page - Agamem Microelectronic Inc. AA8642 Datasheet HTML 3Page - Agamem Microelectronic Inc. AA8642 Datasheet HTML 4Page - Agamem Microelectronic Inc. AA8642 Datasheet HTML 5Page - Agamem Microelectronic Inc. AA8642 Datasheet HTML 6Page - Agamem Microelectronic Inc. AA8642 Datasheet HTML 7Page - Agamem Microelectronic Inc. AA8642 Datasheet HTML 8Page - Agamem Microelectronic Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2007/10/15
AGAMEM MICROELECTRONICS INCOPERATION RESERVES THE RIGHT TO MAKE CHANGES WITHOUT
FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. AGAMEM
DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR
CIRCUIT DESRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE
RIGHTS OF OTHERS.
1
Agamem Microelectronics Inc.
AA8642
PRELIMINARY
Dual Video Amplifier with LPF
DESCRIPTION
AA8642 is a dual low pass filter video amplifier with 6db gain, 75
output buffer and
SAG correction. The 75
buffer is capable of driving two circuits. The SAG could
reduce the output coupling capacitor. It supports 3V and 5V operation voltage and
incorporates high performance 4-stage LPF which is ideal for removing DAC sampling
noise. The power saving circuit provides the power saving function. The IC is available
in 8-pin TSSOP (AA8642AP), 8-pin SOP (AA8642SP) and 8-pin DIP (AA8642PP)
package.
FEATURES
1.
Composite video driver with 6dB gain
2.
Support 3V and 5V operation voltage
3.
Built-in high performance 4-stage LPF
4.
Dual channels video amplifier
5.
SAG correction function
6.
A load sufficient for driving two circuits
7.
Low operating current, 18mA typical
8.
Internal voltage clamp circuit
9.
AC-Couple or DC-Couple output
AA8642 BLOCK DIAGRAM
Vcc
Vout2
Vsag2
Vout1
Vsag1
2
Vin2
Vin1
750
Ω
2.0K
750
Ω
2.2K
2.0K
6dB
Amp
75
Ω
Driver
5
6
8
LPF
6dB
Amp
75
Ω
Driver
4
3
1
7
2.2K
LPF
6.75MHZ
6.75MHZ
APPLICATION
VCR
Video Camera
TV
Video Player


Similar Part No. - AA8642

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA8641 AGAMEM-AA8641 Datasheet
195Kb / 5P
LOW VOLTAGE VIDEO AMPLIFIER
AA8641A AGAMEM-AA8641A Datasheet
195Kb / 5P
LOW VOLTAGE VIDEO AMPLIFIER
More results

Similar Description - AA8642

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2574 NJRC-NJM2574 Datasheet
551Kb / 10P
LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2576 NJRC-NJM2576 Datasheet
434Kb / 8P
LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2561 NJRC-NJM2561 Datasheet
128Kb / 5P
LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2571 NJRC-NJM2571 Datasheet
450Kb / 9P
LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2563 NJRC-NJM2563 Datasheet
118Kb / 5P
LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2575 NJRC-NJM2575 Datasheet
805Kb / 11P
LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2578 NJRC-NJM2578 Datasheet
828Kb / 9P
LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2561A NJRC-NJM2561A Datasheet
95Kb / 5P
LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM41031 NJRC-NJM41031 Datasheet
151Kb / 11P
VIDEO AMPLIFIER WITH LPF
NJM2575F1-TE1 NJRC-NJM2575F1-TE1 Datasheet
812Kb / 11P
LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com