Electronic Components Datasheet Search
  English  ▼

X  

SC2620SETRT Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC2620SETRT
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620SETRT Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC2620SETRT Datasheet HTML 16Page - Semtech Corporation SC2620SETRT Datasheet HTML 17Page - Semtech Corporation SC2620SETRT Datasheet HTML 18Page - Semtech Corporation SC2620SETRT Datasheet HTML 19Page - Semtech Corporation SC2620SETRT Datasheet HTML 20Page - Semtech Corporation SC2620SETRT Datasheet HTML 21Page - Semtech Corporation SC2620SETRT Datasheet HTML 22Page - Semtech Corporation SC2620SETRT Datasheet HTML 23Page - Semtech Corporation SC2620SETRT Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
20
www.semtech.com
SC2620
POWER MANAGEMENT
 2008 Semtech Corp.
Applications Information
gain at high frequency. Placing p
3 at about
2
S
ω
gives:
5
6
fR
1
C
π
≈
(13)
Computed R
5, C5 and C6 can indeed result in near optimal
load transient responses in over half of the applications.
However in other cases empirically determined
compensation networks based on optimized load transient
responses may differ from those calculated by a factor of
3. Therefore checking the transient response of the
converter is imperative. Starting with calculated R
5, C5
and C
6 (using n=1 in Equations (11)-(13)), apply the largest
expected load step to the converter at the maximum
operating V
IN. Observe the load transient response of the
converter while adjusting R
5, C5 and C6. Choose the largest
R
5, the smallest C5 and C6 so that the inductor current
waveform does not show excessive ringing or overshoot
(see Figures 13(a), 13(b), 16(b) and 16(c)).
Feedforward capacitor C
11 boosts phase margin over a
limited frequency range and is sometimes used to improve
loop response. C
11 will be more effective if
2
1
1
R
R
R

>>
.
Upper Trace : OUT1 Voltage, AC Coupled, 0.5V/div
Lower Trace : L
1 Inductor Current, 0.5A/div
Upper Trace : OUT2 Voltage, AC Coupled, 0.5V/div
Lower Trace : L
2 Inductor Current, 0.5A/div
40
µs/div
40
µs/div
(a)
(b)
V
OUT=3.3V
V
IN=16V
V
OUT=1.2V
V
IN=16V
Example: Determine the compensation components for
the 550kHz 9V-16V to 3.3V and 1.2V converter in Figure
1(a).
For both channels,
1
S
Mrads
5
.
3
−
=
ω
,
A
2
I
)
MAX
(
OUT
=
and
F
22
C
1
µ
=
. n is assumed to be 1 in (11) and (12).
For the 3.3V output:
Ω
=
×
⋅
⋅
⋅
×
⋅
×


+
=
−
−
k
3
.
11
)
10
8
.
2
(
)
8
(
)
1
(
10
10
22
10
5
.
3
k
13
k
1
.
30
1
R
4
6
6
5
nF
5
.
1
10
5
.
5
2
k
3
.
11
60
C
5
5
=
×
⋅
π
⋅
≈
pF
47
)
10
3
.
11
(
)
10
550
(
1
C
3
3
6
≈
×
⋅
×
⋅
π
≈
Figure 13. Load Transient Response of the Dual DC-DC Converter in Figure 1(a). I
OUT1 and IOUT2 are switched
between 0.3A and 2A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com