Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3108B Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATSAM3108B
Description  Audio Processing
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3108B Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATSAM3108B Datasheet HTML 8Page - ATMEL Corporation ATSAM3108B Datasheet HTML 9Page - ATMEL Corporation ATSAM3108B Datasheet HTML 10Page - ATMEL Corporation ATSAM3108B Datasheet HTML 11Page - ATMEL Corporation ATSAM3108B Datasheet HTML 12Page - ATMEL Corporation ATSAM3108B Datasheet HTML 13Page - ATMEL Corporation ATSAM3108B Datasheet HTML 14Page - ATMEL Corporation ATSAM3108B Datasheet HTML 15Page - ATMEL Corporation ATSAM3108B Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
6092C–DRMSD–12-Feb-07
ATSAM3108B
9.3
DC Characteristics
Table 9-2.
DC Characteristics (T
A = 25°C, VC18 =1.8V ± 10%, VC33 = 3.3V ± 10%)
Symbol
Parameter
Min
Typ
Max
Unit
V
IL
Low level input voltage
-0.3
-
1.0
V
VIH
High level input voltage, except X1, PDWN
2.3
-
VC33 + 0.3
V
VIH
High level input voltage X1, PDWN
1.2
-
VC18 + 0.3
V
V
OL
Low level output voltage IOL = -2 mA
-
-
0.4
V
VOH
High level output voltage IOH = 2 mA
2.9
-
-
V
ICC1
VC18 power supply current
(crystal freq.=11.2896 MHz, all 8 P24s running)
-63-
mA
I
CC2
VC18 power supply current
(crystal freq. = 11.2896 MHz, all P24s stopped)
-22-
mA
ICC3
VC18 power supply current
(crystal freq. = 11.2896 MHz, all P24 stopped, warm start
power-down active)
-4
-
mA
ICC4
VC18 deep power down supply current
(using power switch)
-
1
10
µA
PU/PD
Built-in pull-up/pull-down resistor
10
-
56
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com