Electronic Components Datasheet Search
  English  ▼

X  

COP8SAA7SLB8 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SAA7SLB8
Description  8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SAA7SLB8 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button COP8SAA7SLB8 Datasheet HTML 45Page - National Semiconductor (TI) COP8SAA7SLB8 Datasheet HTML 46Page - National Semiconductor (TI) COP8SAA7SLB8 Datasheet HTML 47Page - National Semiconductor (TI) COP8SAA7SLB8 Datasheet HTML 48Page - National Semiconductor (TI) COP8SAA7SLB8 Datasheet HTML 49Page - National Semiconductor (TI) COP8SAA7SLB8 Datasheet HTML 50Page - National Semiconductor (TI) COP8SAA7SLB8 Datasheet HTML 51Page - National Semiconductor (TI) COP8SAA7SLB8 Datasheet HTML 52Page - National Semiconductor (TI) COP8SAA7SLB8 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
15.0 Development Tools Support
(Continued)
•
COP8-UTILS: Free set of COP8 assembly code ex-
amples, device drivers, and utilities to speed up code
development.
•
COP8-MLSIM: Free Instruction Level Simulator tool for
Windows. For testing and debugging software instruc-
tions only (No I/O or interrupt support).
COP8 Real-Time Emulation Tools
•
COP8-DM: MetaLink Debug Module. A moderately
priced real-time in-circuit emulation tool, with COP8 de-
vice programmer. Includes MetaLink Debugger, power
supply, emulation cables and adapters.
•
IM-COP8: MetaLink iceMASTER®. A full featured, real-
time in-circuit emulator for COP8 devices. Includes
COP8-NSDEV, Driveway COP8 Demo, MetaLink Win-
dows Debugger, and power supply. Package-specific
probes and surface mount adaptors are ordered sepa-
rately.
COP8 Device Programmer Support
•
MetaLink’s EPU and Debug Module include development
device programming capability for COP8 devices.
•
Third-party programmers and automatic handling equip-
ment cover needs from engineering prototype and pilot
production, to full production environments.
•
Factory programming available for high-volume require-
ments.
15.3 TOOLS ORDERING NUMBERS FOR THE COP8SAx FAMILY DEVICES
Note: The following order numbers apply to the COP8 devices in this datasheet only.
Vendor
Tools
Order Number
Cost
Notes
COP8-NSEVAL
COP8-NSEVAL
VL
Order from web site.
COP8-NSDEV
COP8-NSDEV
L
Included in EM. Order CD from web site
COP8-REF
None
COP8-EVAL
COP8-EVAL-COB1
VL
Order from web site
COP8-EM
COP8-EM-SA
M
Included p/s, 20/28/40 pin DIP target cable, manuals,
software
EM Target
Cables and
Adapters
COP8-EMC-44P
VL
44 PLCC Target Cable
COP8-EMC-28CSP
L
28 CSP Target Cable
COP8-EMA-16D
L
20 DIP to 16 DIP Adapter
COP8-EMA-xxSO
L
DIP to SOIC Cable Converter
COP8-EMA-44QFP
L
44 pin PLCC to 44 QFP Cable Converter
Development
Devices
COP8SAC7Q
VL
4k Eraseable/OTP devices
COP8-PM
COP8-PM-00
L
Included p/s, manuals, software, 16/20/28/40 DIP/SO
and 44 PLCC programming socket; add OTP adapter
(if needed)
OTP
Programming
Adapters
COP8-PGMA-44QFP
L
For programming 44 QFP on any programmer
COP8-PGMA-28CSP
L
For programming 28 CSP on any programmer
COP8-PGMA-44CSP
L
For programming 44 CSP on any programmer
COP8-PGMA-28SO
VL
For programming 16/20/28 SOIC on any programmer
www.national.com
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com