Electronic Components Datasheet Search
  English  ▼

X  

ATSAM2195 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATSAM2195
Description  Audio Processing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2195 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATSAM2195 Datasheet HTML 6Page - ATMEL Corporation ATSAM2195 Datasheet HTML 7Page - ATMEL Corporation ATSAM2195 Datasheet HTML 8Page - ATMEL Corporation ATSAM2195 Datasheet HTML 9Page - ATMEL Corporation ATSAM2195 Datasheet HTML 10Page - ATMEL Corporation ATSAM2195 Datasheet HTML 11Page - ATMEL Corporation ATSAM2195 Datasheet HTML 12Page - ATMEL Corporation ATSAM2195 Datasheet HTML 13Page - ATMEL Corporation ATSAM2195 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
6308A–DRMSD–10-May-07
ATSAM2195
Table 5-4.
Analog Characteristics (TA=25°C)
Parameter
Symbol
Min
Typ
Max
Unit
Total Harmonic Distortion + Noise (at 0 dB, full scale)
VA33 = 3.3V, OUTLEV = 1
VA33 = 1.8V, OUTLEV = 0
THD + N
THD + N
-
-
-
-
-80
-76
dB
dB
Dynamic Range (A-Weighted)
VA33 = 3.3V, OUTLEV = 1
VA33 = 1.8V, OUTLEV = 0
DR
DR
86
80
-
-
-
-
dB
dB
Inter-channel isolation (1kHz)
VA33 = 3.3V, OUTLEV = 1
VA33 = 1.8V, OUTLEV = 0
-
83
80
--
dB
Inter-channel gain mismatch
-
-0.1
-
+01
dB
Gain drift
-
-
± 100
-
ppm/ °C
Full-scale output voltage
VA33 = 3.3V, OUTLEV = 1
VA33 = 1.8V or 3.3V, OUTLEV = 0
-
-
2.04
1.02
2.2
1.1
2.36
1.18
Vpp
Vpp
VCM Maximum allowable DC current source
-
-
-
0.1
mA
VCM Nominal voltage
VA33 = 3.3V, OUTLEV = 1
VA33 = 1.8V or 3.3V, OUTLEV = 0
-
-
1.38
0.74
1.5
0.80
1.58
0.84
V
V
AC-Load resistance
RL
3
4.7
k
Ω
Load capacitance
CL
-
10
100
pF
Table 5-5.
Filter Characteristics (TA=25°C)
Parameter
Symbol
Min
Typ
Max
Unit
Frequency response (10Hz – 17kHz)
-
-0.05
-
+0.05
dB
Passband
to -0.1dB corner
to -6 dB corner
PB
PB
0
0
-
-
17
18.74
kHz
kHz
Stopband
SB
20.49
kHz
Stopband attenuation (20.49kHz – 112.5kHz)
SA
65
-
-
dB
Group delay
GD
1.12
ms
Gain drift
-
-
± 100
-
ppm/ °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com