Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 274 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 274 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 270Page - ATMEL Corporation AT90USB646 Datasheet HTML 271Page - ATMEL Corporation AT90USB646 Datasheet HTML 272Page - ATMEL Corporation AT90USB646 Datasheet HTML 273Page - ATMEL Corporation AT90USB646 Datasheet HTML 274Page - ATMEL Corporation AT90USB646 Datasheet HTML 275Page - ATMEL Corporation AT90USB646 Datasheet HTML 276Page - ATMEL Corporation AT90USB646 Datasheet HTML 277Page - ATMEL Corporation AT90USB646 Datasheet HTML 278Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 459 page
background image
274
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
switch to the next bank. The RXOUTI and FIFOCON bits are then updated by hardware in
accordance with the status of the new bank.
RXOUTI shall always be cleared before clearing FIFOCON.
The RWAL bit always reflects the state of the current bank. This bit is set if the firmware can
read data from the bank, and cleared by hardware when the bank is empty.
22.13.2
Detailed description
22.13.2.1
The data are read by the CPU, following the next flow:
• When the bank is filled by the host, an endpoint interrupt (EPINTx) is triggered, if enabled
(RXOUTE set) and RXOUTI is set. The CPU can also poll RXOUTI or FIFOCON, depending
on the software architecture,
• The CPU acknowledges the interrupt by clearing RXOUTI,
• The CPU can read the number of byte (N) in the current bank (N=BYCT),
• The CPU can read the data from the current bank (“N” read of UEDATX),
• The CPU can free the bank by clearing FIFOCON when all the data is read, that is:
– after “N” read of UEDATX,
– as soon as RWAL is cleared by hardware.
If the endpoint uses 2 banks, the second one can be filled by the HOST while the current one is
being read by the CPU. Then, when the CPU clear FIFOCON, the next bank may be already
ready and RXOUTI is set immediately.
OUT
DATA
(to bank 0)
ACK
RXOUTI
FIFOCON
HW
OUT
DATA
(to bank 0)
ACK
HW
SW
SW
SW
Example with 1 OUT data bank
read data from CPU
BANK 0
OUT
DATA
(to bank 0)
ACK
RXOUTI
FIFOCON
HW
OUT
DATA
(to bank 1)
ACK
SW
SW
Example with 2 OUT data banks
read data from CPU
BANK 0
HW
SW
read data from CPU
BANK 0
read data from CPU
BANK 1
NAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com