Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 385 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 385 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 381Page - ATMEL Corporation AT90USB646 Datasheet HTML 382Page - ATMEL Corporation AT90USB646 Datasheet HTML 383Page - ATMEL Corporation AT90USB646 Datasheet HTML 384Page - ATMEL Corporation AT90USB646 Datasheet HTML 385Page - ATMEL Corporation AT90USB646 Datasheet HTML 386Page - ATMEL Corporation AT90USB646 Datasheet HTML 387Page - ATMEL Corporation AT90USB646 Datasheet HTML 388Page - ATMEL Corporation AT90USB646 Datasheet HTML 389Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 459 page
background image
385
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
Note:
a = address high bits, b = address low bits, c = address extended bits, H = 0 - Low byte, 1 - High Byte, o = data out, i = data in,
x = don’t care
29.8.2
Serial Programming Characteristics
For characteristics of the Serial Programming module see “SPI Timing Characteristics” on page
403.
29.9
Programming via the JTAG Interface
Programming through the JTAG interface requires control of the four JTAG specific pins: TCK,
TMS, TDI, and TDO. Control of the reset and clock pins is not required.
To be able to use the JTAG interface, the JTAGEN Fuse must be programmed. The device is
default shipped with the fuse programmed. In addition, the JTD bit in MCUCR must be cleared.
Alternatively, if the JTD bit is set, the external reset can be forced low. Then, the JTD bit will be
cleared after two chip clocks, and the JTAG pins are available for programming. This provides a
means of using the JTAG pins as normal port pins in Running mode while still allowing In-Sys-
tem Programming via the JTAG interface. Note that this technique can not be used when using
the JTAG pins for Boundary-scan or On-chip Debug. In these cases the JTAG pins must be ded-
icated for this purpose.
During programming the clock frequency of the TCK Input must be less than the maximum fre-
quency of the chip. The System Clock Prescaler can not be used to divide the TCK Clock Input
into a sufficiently low frequency.
As a definition in this datasheet, the LSB is shifted in and out first of all Shift Registers.
29.9.1
Programming Specific JTAG Instructions
The Instruction Register is 4-bit wide, supporting up to 16 instructions. The JTAG instructions
useful for programming are listed below.
The OPCODE for each instruction is shown behind the instruction name in hex format. The text
describes which Data Register is selected as path between TDI and TDO for each instruction.
The Run-Test/Idle state of the TAP controller is used to generate internal clocks. It can also be
used as an idle state between JTAG sequences. The state machine sequence for changing the
instruction word is shown in Figure 29-12.
Read Extended Fuse Bits
0101 0000
0000 1000
xxxx xxxx
oooo oooo
Read Extended Fuse bits. “0” = pro-
grammed, “1” = unprogrammed. See
Table 29-3 on page 367 for details.
Read Calibration Byte
0011 1000
000x xxxx
0000 0000
oooo oooo
Read Calibration Byte
Poll RDY/BSY
1111 0000
0000 0000
xxxx xxxx
xxxx xxxo
If o = “1”, a programming operation is
still busy. Wait until this bit returns to
“0” before applying another command.
Table 29-16. Serial Programming Instruction Set (Continued)
Instruction
Instruction Format
Operation
Byte 1
Byte 2
Byte 3
Byte4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com