Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 399 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 399 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 395Page - ATMEL Corporation AT90USB646 Datasheet HTML 396Page - ATMEL Corporation AT90USB646 Datasheet HTML 397Page - ATMEL Corporation AT90USB646 Datasheet HTML 398Page - ATMEL Corporation AT90USB646 Datasheet HTML 399Page - ATMEL Corporation AT90USB646 Datasheet HTML 400Page - ATMEL Corporation AT90USB646 Datasheet HTML 401Page - ATMEL Corporation AT90USB646 Datasheet HTML 402Page - ATMEL Corporation AT90USB646 Datasheet HTML 403Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 459 page
background image
399
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
Note:
1. "Max" means the highest value where the pin is guaranteed to be read as low
2. "Min" means the lowest value where the pin is guaranteed to be read as high
3. Although each I/O port can sink more than the test conditions (20mA at VCC = 5V, 10mA at VCC = 3V) under steady state
conditions (non-transient), the following must be observed:
ATmega32U6/AT90USB64/128:
1.)The sum of all IOL, for ports A0-A7, G2, C4-C7 should not exceed 100 mA.
2.)The sum of all IOL, for ports C0-C3, G0-G1, D0-D7 should not exceed 100 mA.
3.)The sum of all IOL, for ports G3-G5, B0-B7, E0-E7 should not exceed 100 mA.
4.)The sum of all IOL, for ports F0-F7 should not exceed 100 mA.
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test condition.
4. Although each I/O port can source more than the test conditions (20mA at VCC = 5V, 10mA at VCC = 3V) under steady
state conditions (non-transient), the following must be observed:
ATmega32U6/AT90USB64/128:
1)The sum of all IOH, for ports A0-A7, G2, C4-C7 should not exceed 100 mA.
2)The sum of all IOH, for ports C0-C3, G0-G1, D0-D7 should not exceed 100 mA.
3)The sum of all IOH, for ports G3-G5, B0-B7, E0-E7 should not exceed 100 mA.
4)The sum of all IOH, for ports F0-F7 should not exceed 100 mA.
ICC
Power Supply Current
(6)
Active 4MHz, VCC = 3V
(ATmega32U6/AT90USB
64/128)
2.5
5
mA
Active 8MHz, VCC = 3V
(ATmega32U6/AT90USB
64/128)
510
mA
Active 8MHz, VCC = 5V
(ATmega32U6/AT90USB
64/128)
10
18
mA
Active 16MHz, VCC = 5V
(ATmega32U6/AT90USB
64/128)
19
30
mA
Icc
Power-down mode
WDT enabled, BOD
enabled, VCC = 3V, 25°C
30
µA
WDT enabled, BOD
disabled, VCC = 3V, 25°C
10
µA
WDT disabled, BOD
disabled, VCC = 3V, 25°C
2µA
VACIO
Analog Comparator
Input Offset Voltage
VCC = 5V
Vin = VCC/2
10
40
mV
IACLK
Analog Comparator
Input Leakage Current
VCC = 5V
Vin = VCC/2
-50
50
nA
tACID
Analog Comparator
Propagation Delay
VCC = 2.7V
VCC = 4.0V
750
500
ns
Iq
USB Regulator Quiescent
Current
UVcc > 3.6V, I = 0mA
10
30
µA
Vusb
USB Regulator Output
Voltage (Ucap)
UVcc > 3.6V, I = 40mA
(8)
3.0
3.3
3.5
V
T
A = -40⋅C to 85⋅C, VCC = 2.7V to 5.5V (unless otherwise noted) (Continued)
Symbol
Parameter
Condition
Min.
(5)
Typ.
Max.
(5)
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com