Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 414 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 414 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 410Page - ATMEL Corporation AT90USB646 Datasheet HTML 411Page - ATMEL Corporation AT90USB646 Datasheet HTML 412Page - ATMEL Corporation AT90USB646 Datasheet HTML 413Page - ATMEL Corporation AT90USB646 Datasheet HTML 414Page - ATMEL Corporation AT90USB646 Datasheet HTML 415Page - ATMEL Corporation AT90USB646 Datasheet HTML 416Page - ATMEL Corporation AT90USB646 Datasheet HTML 417Page - ATMEL Corporation AT90USB646 Datasheet HTML 418Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 459 page
background image
414
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
31.2
Output Voltage Levels
Figure 31-3. Output Low Voltage vs. Output Current, all I/Os excluding DP/DM, Vcc=3V
Figure 31-4. Output Low Voltage vs. Output Current, all I/Os excluding DP/DM, Vcc=5V
0
0.2
0.4
0.6
0.8
1
1.2
0
5
10
15
20
I
OL (mA)
85
25
-40
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
5
10
15
20
I
OL (mA)
85
25
-40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com