Electronic Components Datasheet Search
  English  ▼

X  

PTH08T240FAS Datasheet(PDF) 18 Page - Texas Instruments

Part # PTH08T240FAS
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240FAS Datasheet(HTML) 18 Page - Texas Instruments

Back Button PTH08T240FAS Datasheet HTML 14Page - Texas Instruments PTH08T240FAS Datasheet HTML 15Page - Texas Instruments PTH08T240FAS Datasheet HTML 16Page - Texas Instruments PTH08T240FAS Datasheet HTML 17Page - Texas Instruments PTH08T240FAS Datasheet HTML 18Page - Texas Instruments PTH08T240FAS Datasheet HTML 19Page - Texas Instruments PTH08T240FAS Datasheet HTML 20Page - Texas Instruments PTH08T240FAS Datasheet HTML 21Page - Texas Instruments PTH08T240FAS Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
PTH08T240F Type C Capacitors
10
7
6
5
4
3
2
1
9
8
C - Capacitance - mF
10
7
6
5
4
3
2
1
9
8
C - Capacitance - mF
(
)
(
)
(
)
O
TT
O
40
1
C
5000
R
k
C
1000
1
é
ù
´
-
ë
û
=
W
é
ù
-
ë
û
(4)
PTH08T240F
SLTS277C – DECEMBER 2006 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com
8-V Input
5-V Input
Figure 18. Capacitor Type C,
Figure 19. Capacitor Type C,
5000 < C(
µF)×ESR(mΩ) ≤ 10,000
5000 < C(
µF)×ESR(mΩ) ≤ 10,000
(e.g. OS-CON)
(e.g. OS-CON)
Table 6. Type C TurboTrans CO Values and Required RTT Selection Table
Transient Voltage Deviation (mV)
8-V Input
5-V Input
25% load step
50% load step
75% load step
CO
RTT
CO
RTT
(2.5 A)
(5 A)
(7.5 A)
Minimum
Required
Minimum
Required
Required Output
TurboTrans
Required Output
TurboTrans
Capacitance (
µF)
Resistor (k
Ω)
Capacitance (
µF)
Resistor (k
Ω)
20
40
60
1000
open
1040
787
18
36
54
1000
open
1180
169
16
32
48
1100
340
1350
82.5
14
28
42
1300
97.6
1600
45.3
12
24
36
1600
45.3
1930
26.7
10
20
30
2050
22.6
2420
14.7
8
16
24
2750
10.5
3200
6.49
6
12
18
4050
2.49
4560
1.0
RTT Resistor Selection
The TurboTrans resistor value, RTT can be determined from the TurboTrans programming, see Equation 4 .
Where CO is the total output capacitance in µF. CO values greater than or equal to 5000 µF require RTT to be a
short, 0
Ω. (RTT results in a negative value when CO > 5000 µF).
To ensure stability, the value of RTT must be calculated using the minimum required output capacitance
determined from the capacitor transient response charts above.
18
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): PTH08T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com