Electronic Components Datasheet Search
  English  ▼

X  

PTH08T240FAST Datasheet(PDF) 9 Page - Texas Instruments

Part # PTH08T240FAST
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240FAST Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTH08T240FAST Datasheet HTML 5Page - Texas Instruments PTH08T240FAST Datasheet HTML 6Page - Texas Instruments PTH08T240FAST Datasheet HTML 7Page - Texas Instruments PTH08T240FAST Datasheet HTML 8Page - Texas Instruments PTH08T240FAST Datasheet HTML 9Page - Texas Instruments PTH08T240FAST Datasheet HTML 10Page - Texas Instruments PTH08T240FAST Datasheet HTML 11Page - Texas Instruments PTH08T240FAST Datasheet HTML 12Page - Texas Instruments PTH08T240FAST Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
APPLICATION INFORMATION
ADJUSTING THE OUTPUT VOLTAGE
R
=10k
x
SET
W
0.69
V
-0.69
O
-1.43kW
(1)
+Sense
−Sense
VoAdj
GND
PTH08T240F
3
5
6
7
8
+Sense
−Sense
GND
4
GND
+
VO
VO
RSET
1%
0.05 W
UDG−06077
CO
PTH08T240F
www.ti.com........................................................................................................................................ SLTS277C – DECEMBER 2006 – REVISED DECEMBER 2008
The VOAdjust control (pin 8) sets the output voltage of the PTH08T240F. The adjustment range is 0.69 V to
2.0 V. The adjustment method requires the addition of a single external resistor, RSET, that must be connected
directly between the VOAdjust and – Sense pins. Table 1 gives the standard value of the external resistor for a
number of standard voltages, along with the actual output voltage that this resistance value provides.
For other output voltages, the value of the required resistor can either be calculated using the following formula,
or simply selected from the range of values given in Table 2. Figure 13 shows the placement of the required
resistor.
Table 1. Standard Values of RSET for Standard Output Voltages
VO (Standard) (V)
RSET (Standard Value) (kΩ)
VO (Actual) (V)
1.8
4.75
1.807
1.5
6.98
1.510
1.2
12.1
1.200
1.1
15.4
1.100
1
20.5
1.004
0.9
31.6
0.899
(1)
RSET: Use a 0.05-W resistor with a tolerance of 1% and temperature stability of 100 ppm/°C (or better). Connect the
resistor directly between pins 8 and 7, as close to the regulator as possible, using dedicated PCB traces.
(2)
Never connect capacitors to VOAdjust (pin 8). Any capacitance added to the VOAdjust pin affects the stability of the
regulator.
Figure 13. VO Adjust Resistor Placement
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PTH08T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com