Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD206D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD206D
Description  MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD206D Datasheet(HTML) 5 Page - Texas Instruments

  SN65MLVD206D Datasheet HTML 1Page - Texas Instruments SN65MLVD206D Datasheet HTML 2Page - Texas Instruments SN65MLVD206D Datasheet HTML 3Page - Texas Instruments SN65MLVD206D Datasheet HTML 4Page - Texas Instruments SN65MLVD206D Datasheet HTML 5Page - Texas Instruments SN65MLVD206D Datasheet HTML 6Page - Texas Instruments SN65MLVD206D Datasheet HTML 7Page - Texas Instruments SN65MLVD206D Datasheet HTML 8Page - Texas Instruments SN65MLVD206D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
BUS INPUT AND OUTPUT ELECTRICAL CHARACTERISTICS
DRIVER SWITCHING CHARACTERISTICS
SN65MLVD201, SN65MLVD203
SN65MLVD206, SN65MLVD207
SLLS558C – DECEMBER 2002 – REVISED JANUARY 2007
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VA = 3.8 V,
VB = 1.2 V,
0
32
Receiver or transceiver with driver
IA
VA = 0 V or 2.4 V,
VB = 1.2 V
–20
20
µA
disabled input current
VA = –1.4 V,
VB = 1.2 V
–32
0
VB = 3.8 V,
VA = 1.2 V
0
32
Receiver or transceiver with driver
IB
VB = 0 V or 2.4 V,
VA = 1.2 V
–20
20
µA
disabled input current
VB = –1.4 V,
VA = 1.2 V
–32
0
Receiver or transceiver with driver
IAB
disabled differential input current
VA = VB,
1.4
≤ VA ≤ 3.8 V
-4
4
µA
(IA – IB)
VA = 3.8 V,
VB = 1.2 V,
0 V
≤ VCC ≤ 1.5 V
0
32
Receiver or transceiver power-off
IA(OFF)
VA = 0 V or 2.4 V,
VB = 1.2 V,
0 V
≤ VCC ≤ 1.5 V
–20
20
µA
input current
VA = –1.4 V,
VB= 1.2 V,
0 V
≤ VCC ≤ 1.5 V
–32
0
VB = 3.8 V,
VA = 1.2 V,
0 V
≤ VCC ≤ 1.5 V
0
32
Receiver or transceiver power-off
IB(OFF)
VB = 0 V or 2.4 V,
VA = 1.2 V,
0 V
≤ VCC ≤ 1.5 V
–20
20
µA
input current
VB = –1.4 V,
VA = 1.2 V,
0 V
≤ VCC ≤ 1.5 V
–32
0
Receiver input or transceiver
IAB(OFF)
power-off differential input current
VA = VB, 0 V ≤ VCC ≤ 1.5 V, –1.4 ≤ VA ≤ 3.8 V
–4
4
µA
(IA – IB)
Transceiver with driver disabled input
CA
VA = 0.4 sin (30E6πt) + 0.5V
(2),
VB = 1.2 V
5
pF
capacitance
Transceiver with driver disabled input
CB
VB = 0.4 sin (30E6πt) + 0.5 V
(2),
VA = 1.2 V
5
pF
capacitance
Transceiver with driver disabled
CAB
VAB = 0.4 sin (30E6πt)V
(2)
3
pF
differential input capacitance
Transceiver with driver disabled input
CA/B
0.99
1.01
capacitance balance, (CA/CB)
(1)
All typical values are at 25
°C and with a 3.3-V supply voltage.
(2)
HP4194A impedance analyzer (or equivalent)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX UNIT
tPLH
Propagation delay time, low-to-high-level output
1
1.5
2.4
ns
tPHL
Propagation delay time, high-to-low-level output
1
1.5
2.4
ns
tr
Differential output signal rise time
1
1.6
ns
See Figure 5
tf
Differential output signal fall time
1
1.6
ns
tsk(p)
Pulse skew (|tPHL – tPLH|)
0
100
ps
tsk(pp)
Part-to-part skew(2)
1
ns
tjit(per)
Period jitter, rms (1 standard deviation)(3)
100 MHz clock input(4)
2
3
ps
tjit(pp)
Peak-to-peak jitter(3) (5)
200 Mbps 215–1 PRBS input(6)
30
130
ps
tPHZ
Disable time, high-level-to-high-impedance output
7
ns
tPLZ
Disable time, low-level-to-high-impedance output
7
ns
See Figure 6
tPZH
Enable time, high-impedance-to-high-level output
7
ns
tPZL
Enable time, high-impedance-to-low-level output
7
ns
(1)
All typical values are at 25
°C and with a 3.3-V supply voltage.
(2)
tsk(pp) is the magnitude of the time difference in propagation delay times between any specified terminals of two devices when both
devices operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(3)
Jitter is ensured by design and characterization. Stimulus jitter has been subtracted from the numbers.
(4)
tr = tf = 0.5 ns (10% to 90%), measured over 30 k samples.
(5)
Peak-to-peak jitter includes jitter due to pulse skew (tsk(p)).
(6)
tr = tf = 0.5 ns (10% to 90%), measured over 100 k samples.
Copyright © 2002–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN65MLVD201 SN65MLVD203 SN65MLVD206 SN65MLVD207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com