Electronic Components Datasheet Search
  English  ▼

X  

AT90USB128 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT90USB128
Description  8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB128 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT90USB128 Datasheet HTML 16Page - ATMEL Corporation AT90USB128 Datasheet HTML 17Page - ATMEL Corporation AT90USB128 Datasheet HTML 18Page - ATMEL Corporation AT90USB128 Datasheet HTML 19Page - ATMEL Corporation AT90USB128 Datasheet HTML 20Page - ATMEL Corporation AT90USB128 Datasheet HTML 21Page - ATMEL Corporation AT90USB128 Datasheet HTML 22Page - ATMEL Corporation AT90USB128 Datasheet HTML 23Page - ATMEL Corporation AT90USB128 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 459 page
background image
20
7593H–AVR–11/08
ATmega32U6/AT90USB64/128
128K program memory locations. The operation of Boot Program section and associated Boot
Lock bits for software protection are described in detail in “Memory Programming” on page 366.
“Memory Programming” on page 366 contains a detailed description on Flash data serial down-
loading using the SPI pins or the JTAG interface.
Constant tables can be allocated within the entire program memory address space (see the LPM
– Load Program Memory instruction description and ELPM - Extended Load Program Memory
instruction description).
Timing diagrams for instruction fetch and execution are presented in “Instruction Execution Tim-
ing” on page 15.
Figure 5-1.
Program Memory Map
5.2
SRAM Data Memory
Figure 5-2 shows how the ATmega32U6/AT90USB64/128 SRAM Memory is organized.
The ATmega32U6/AT90USB64/128 is a complex microcontroller with more peripheral units than
can be supported within the 64 location reserved in the Opcode for the IN and OUT instructions.
For the Extended I/O space from $060 - $0FF in SRAM, only the ST/STS/STD and LD/LDS/LDD
instructions can be used.
The first 4,352/8,448 Data Memory locations address both the Register File, the I/O Memory,
Extended I/O Memory, and the internal data SRAM. The first 32 locations address the Register
file, the next 64 location the standard I/O Memory, then 160 locations of Extended I/O memory
and the next 4,096/8,192 locations address the internal data SRAM.
0x00000
Program Memory
Application Flash Section
Boot Flash Section
Flash End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com