Electronic Components Datasheet Search
  English  ▼

X  

TUSB6020PFCR Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB6020PFCR
Description  USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6020PFCR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB6020PFCR Datasheet HTML 9Page - Texas Instruments TUSB6020PFCR Datasheet HTML 10Page - Texas Instruments TUSB6020PFCR Datasheet HTML 11Page - Texas Instruments TUSB6020PFCR Datasheet HTML 12Page - Texas Instruments TUSB6020PFCR Datasheet HTML 13Page - Texas Instruments TUSB6020PFCR Datasheet HTML 14Page - Texas Instruments TUSB6020PFCR Datasheet HTML 15Page - Texas Instruments TUSB6020PFCR Datasheet HTML 16Page - Texas Instruments TUSB6020PFCR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.ti.com
Power-Sequencing Guidelines
V
/V
(5 V)
BAT
IN
Ext. Pwr. Mgmt (1.8 V)
TUSB6020: CPEN
V
Power: En1 (5 V)
BUS
3.3 V, 1.5 V LDO: Pgood
TUSB6020: RSTn
LDO Voltage Regulator (1.5 V)
LDO Voltage Regulator (3.3 V)
TUSB6020: IO Interface Status
TUSB6020: GPIO7
(Mode Select)
TUSB6020: GPIO6
(Reference Clock Select)
Signal state cannot be ensured.
Signal state is stable and valid.
NOTE: Host mode and reference clock source selection is latched on RSTn rising edge. No external components are required to select normal
mode and CLKIN as a reference clock source.
IOINTERFACEISNOT INITIALIZED
IOINTERFACEISINITIALIZED
GPIO7 is tied to ground externally for normal device operation
Pulled up by TUSB6020 GPIO6 internal pullup resistor (CLKIN is selected)
Pulled high by TUSB6020
internal pullup
NOTE: CPEN is used to drive the enable of the V
power switch. The TUSB6020 does not power up with CPEN asserted. CPEN is
asserted when TUSB6020 is recognized as an A device.
BUS
Crystal Requirements
Frequency
Frequency Tolerance
TUSB6020
USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
SCPS170E – JANUARY 2007 – REVISED MARCH 2008
Figure 1. System Power-Up Sequence
Table 2. INPUT CLOCK REQUIREMENTS
PARAMETER
VALUE
Nominal clock frequency
19.200 (CLKIN), 24.000 (XI)
Frequency accuracy
±100 ppm
Maximum rise/fall time
5 ns (10% to 90%)
Voltage level
1.8 V
Input clock type
Square wave, Sine wave
Duty cycle
40% to 60%
Input capacitance loading
4 pF
–95 dBc at 1 MHz
Jitter
–120 dBc at 100 MHz
The required frequency of oscillation for the crystal can be 19.200 or 24.000 MHz.
Frequency tolerance is the maximum allowable deviation from the nominal crystal frequency at a specified
temperature, usually 25
°C. The recommended frequency tolerance of the crystal over the manufacturing process
is ±50 ppm. The maximum acceptable frequency tolerance of the crystal over the manufacturing process is
±100 ppm.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TUSB6020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com