Electronic Components Datasheet Search
  English  ▼

X  

THS8136 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS8136
Description  TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8136 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS8136 Datasheet HTML 5Page - Texas Instruments THS8136 Datasheet HTML 6Page - Texas Instruments THS8136 Datasheet HTML 7Page - Texas Instruments THS8136 Datasheet HTML 8Page - Texas Instruments THS8136 Datasheet HTML 9Page - Texas Instruments THS8136 Datasheet HTML 10Page - Texas Instruments THS8136 Datasheet HTML 11Page - Texas Instruments THS8136 Datasheet HTML 12Page - Texas Instruments THS8136 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
POWER DISSIPATION RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
THS8136
www.ti.com ........................................................................................................................................................................................... SLES236 – NOVEMBER 2008
over operating free-air temperature range (unless otherwise noted)
AVDD to AVSS
–0.5 V to 3.6 V
Supply voltage
DVDD to DVSS
–0.5 V to 1.95 V
AVSS to DVSS
–0.5 to 0.5 V
Digital input voltage range to DVSS
–0.5 V to (DVDD + 0.5) V
TA
Operating free-air temperature range
–40°C to 85°C
Tstg
Storage temperature range
–55°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
TA ≤ 25°C
TA = 85°C
BOARD
PACKAGE
RθJC
RθJA
POWER RATING
POWER RATING
Low-K(2)
TQFP-48-PHP
33.0°C/W
67.60°C/W
1.18 W
0.296 W
High-K(3)
TQFP-48-PHP
33.0°C/W
29.04°C/W
2.75 W
0.689 W
(1)
Specified with 105°C maximum junction temperature (TJ).
(2)
Specified with thermal pad not soldered to the PCB
(3)
Specified with thermal pad soldered to 2-oz Cu plate PCB thermal plane.
MIN
NOM
MAX
UNIT
Power Supply
AVDD
3
3.3
3.6
V
DVDD
1.65
1.8
1.95
V
Digital and Reference Inputs
VIH
High-level input voltage
1.2
DVDD
V
VIL
Low-level input voltage
DVSS
0.7
V
fCLK
Clock frequency
0
180
MHz
CLK
tw(CLKH)
Pulse duration, clock high
40%
60%
period
CLK
tw(CLKL)
Pulse duration, clock low
40%
60%
period
RFS(nom)
FSADJ resistor(1)
3.8
k
Ω
(1)
RFS should be chosen such that the maximum full-scale DAC output current (IFS) does not exceed the maximum stated level. This yields
the nominal output voltage compliance at the nominal load termination of 37.5
Ω.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS8136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com