Electronic Components Datasheet Search
  English  ▼

X  

ATA6613 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATA6613
Description  Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6613 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATA6613 Datasheet HTML 1Page - ATMEL Corporation ATA6613 Datasheet HTML 2Page - ATMEL Corporation ATA6613 Datasheet HTML 3Page - ATMEL Corporation ATA6613 Datasheet HTML 4Page - ATMEL Corporation ATA6613 Datasheet HTML 5Page - ATMEL Corporation ATA6613 Datasheet HTML 6Page - ATMEL Corporation ATA6613 Datasheet HTML 7Page - ATMEL Corporation ATA6613 Datasheet HTML 8Page - ATMEL Corporation ATA6613 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 364 page
background image
2
9111E–AUTO–07/08
ATA6612/ATA6613
2.
Pin Configuration
Figure 2-1.
Pinning QFN48, 7 mm
× 7 mm
PB5
MCUAVDD
ADC6
AREF
GND4
ADC7
PC0
PC1
PC2
PC3
PC4
PC5
MCUVDD1
GND1
PD4
PD3
LIN
GND
WAKE
NTRIG
EN
VS
VCC
PVCC
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
Table 2-1.
Pin Description
Pin
Symbol
Function
1
PB5
Port B 5 I/O line (SCK / PCINT5)
2
MCUAVDD
Microcontroller ADC-unit supply voltage
3
ADC6
ADC input channel 6
4
AREF
Analog reference voltage input
5
GND4
Ground
6
ADC7
ADC input channel 7
7
PC0
Port C 0 I/O line (ADC0/PCINT8)
8
PC1
Port C 1 I/O line (ADC1/PCINT9)
9
PC2
Port C 2 I/O line (ADC2/PCINT10)
10
PC3
Port C 3 I/O line (ADC3/PCINT11)
11
PC4
Port C 4 I/O line (ADC4/SDA/PCINT12)
12
PC5
Port C 5 I/O line (ADC5/SCL/PCINT13)
13
PC6
Port C 6 I/O line (RESET/PCINT14)
14
PD0
Port D 0 I/O line (RXD/PCINT16)
15
PD1
Port D 1 I/O line (TXD/PCINT17)
16
PD2
Port D 2 I/O line (INT0/PCINT18)
17
(1)
RXD
Receive data output
18(1)
INH
High side switch output for controlling an external voltage regulator
19(1)
TXD
Transmit data input / active low output after a local wake up request
Note:
1. This identifies the pins of the LIN SBC ATA6624



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com