Electronic Components Datasheet Search
  English  ▼

X  

08053C103MAT7A Datasheet(PDF) 15 Page - AVX Corporation

Part # 08053C103MAT7A
Description  Dielectric General Specifications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08053C103MAT7A Datasheet(HTML) 15 Page - AVX Corporation

Back Button 08053C103MAT7A Datasheet HTML 10Page - AVX Corporation 08053C103MAT7A Datasheet HTML 11Page - AVX Corporation 08053C103MAT7A Datasheet HTML 12Page - AVX Corporation 08053C103MAT7A Datasheet HTML 13Page - AVX Corporation 08053C103MAT7A Datasheet HTML 14Page - AVX Corporation 08053C103MAT7A Datasheet HTML 15Page - AVX Corporation 08053C103MAT7A Datasheet HTML 16Page - AVX Corporation 08053C103MAT7A Datasheet HTML 17Page - AVX Corporation 08053C103MAT7A Datasheet HTML 18Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
70
Surface Mounting Guide
MLC Chip Capacitors
Component pads should be designed to achieve good
solder filets and minimize component movement during
reflow soldering. Pad designs are given below for the most
common sizes of multilayer ceramic capacitors for both
wave and reflow soldering. The basis of these designs is:
• Pad width equal to component width. It is permissible to
decrease this to as low as 85% of component width but it
is not advisable to go below this.
• Pad overlap 0.5mm beneath component.
• Pad extension 0.5mm beyond components for reflow and
1.0mm for wave soldering.
D1
D2
D3
D4
D5
Case Size
D1
D2
D3
D4
D5
0402
1.70 (0.07)
0.60 (0.02)
0.50 (0.02)
0.60 (0.02)
0.50 (0.02)
0603
2.30 (0.09)
0.80 (0.03)
0.70 (0.03)
0.80 (0.03)
0.75 (0.03)
0805
3.00 (0.12)
1.00 (0.04)
1.00 (0.04)
1.00 (0.04)
1.25 (0.05)
1206
4.00 (0.16)
1.00 (0.04)
2.00 (0.09)
1.00 (0.04)
1.60 (0.06)
1210
4.00 (0.16)
1.00 (0.04)
2.00 (0.09)
1.00 (0.04)
2.50 (0.10)
1808
5.60 (0.22)
1.00 (0.04)
3.60 (0.14)
1.00 (0.04)
2.00 (0.08)
1812
5.60 (0.22)
1.00 (0.04))
3.60 (0.14)
1.00 (0.04)
3.00 (0.12)
1825
5.60 (0.22)
1.00 (0.04)
3.60 (0.14)
1.00 (0.04)
6.35 (0.25)
2220
6.60 (0.26)
1.00 (0.04)
4.60 (0.18)
1.00 (0.04)
5.00 (0.20)
2225
6.60 (0.26)
1.00 (0.04)
4.60 (0.18)
1.00 (0.04)
6.35 (0.25)
Dimensions in millimeters (inches)
REFLOW SOLDERING
WAVE SOLDERING
Component Spacing
For wave soldering components, must be spaced sufficiently
far apart to avoid bridging or shadowing (inability of solder
to penetrate properly into small spaces). This is less impor-
tant for reflow soldering but sufficient space must be
allowed to enable rework should it be required.
Preheat & Soldering
The rate of preheat should not exceed 4°C/second to
prevent thermal shock. A better maximum figure is about
2°C/second.
For capacitors size 1206 and below, with a maximum
thickness of 1.25mm, it is generally permissible to allow a
temperature differential from preheat to soldering of 150°C.
In all other cases this differential should not exceed 100°C.
For further specific application or process advice, please
consult AVX.
Cleaning
Care should be taken to ensure that the capacitors are
thoroughly cleaned of flux residues especially the space
beneath the capacitor. Such residues may otherwise
become conductive and effectively offer a low resistance
bypass to the capacitor.
Ultrasonic cleaning is permissible, the recommended
conditions being 8 Watts/litre at 20-45 kHz, with a process
cycle of 2 minutes vapor rinse, 2 minutes immersion in the
ultrasonic solvent bath and finally 2 minutes vapor rinse.
D1
D2
D3
D4
D5
Case Size
D1
D2
D3
D4
D5
0603
3.10 (0.12)
1.20 (0.05)
0.70 (0.03)
1.20 (0.05)
0.75 (0.03)
0805
4.00 (0.15)
1.50 (0.06)
1.00 (0.04)
1.50 (0.06)
1.25 (0.05)
1206
5.00 (0.19)
1.50 (0.06)
2.00 (0.09)
1.50 (0.06)
1.60 (0.06)
Dimensions in millimeters (inches)
≥1mm (0.04)
≥1.5mm (0.06)
≥1mm (0.04)
Component Pad Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com