Electronic Components Datasheet Search
  English  ▼

X  

TLC5925IPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5925IPWR
Description  LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5925IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC5925IPWR Datasheet HTML 9Page - Texas Instruments TLC5925IPWR Datasheet HTML 10Page - Texas Instruments TLC5925IPWR Datasheet HTML 11Page - Texas Instruments TLC5925IPWR Datasheet HTML 12Page - Texas Instruments TLC5925IPWR Datasheet HTML 13Page - Texas Instruments TLC5925IPWR Datasheet HTML 14Page - Texas Instruments TLC5925IPWR Datasheet HTML 15Page - Texas Instruments TLC5925IPWR Datasheet HTML 16Page - Texas Instruments TLC5925IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
APPLICATION INFORMATION
Operating Principles
Constant Current
Adjusting Output Current
0
5
10
15
20
25
30
35
40
45
0
500
1000
1500
2000
2500
3000
3500
4000
R
ext – 8
W
TLC5925
www.ti.com .............................................................................................................................................................................................. SLVS765 – OCTOBER 2008
In LED display applications, TLC5925 provides nearly no current variations from channel to channel and from IC
to IC. While IOUT ≤ 45 mA, the maximum current skew between channels is less than ±5% and between ICs is
less than ±6%.
TLC5925 sets IOUT based on the external resistor Rext. Users can follow the below formulas to calculate the
target output current IOUT,target in the saturation region:
IOUT,target = (1.21 V / Rext) × 18, where Rext is the external resistance connected between R-EXT and GND.
Therefore, the default current is approximately 26 mA at 840
Ω and 13 mA at 1680 Ω. The default relationship
after power on between IOUT,target and Rext is shown in Figure 5.
Figure 5. Default Relationship Curve Between IOUT,target and Rext After Power Up
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TLC5925



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com