Electronic Components Datasheet Search
  English  ▼

X  

TPS54331 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54331
Description  SWIFT Converter Product Portfolio
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54331 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54331 Datasheet HTML 1Page - Texas Instruments TPS54331 Datasheet HTML 2Page - Texas Instruments TPS54331 Datasheet HTML 3Page - Texas Instruments TPS54331 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Selection Guide
SLVT153C – September 2007 – Revised October 2008
SWIFT Converter Product Portfolio
SWIFT Products
SWITCHING FREQUENCY
PART
VIN
VOUT
IOUT
Iq (Typ)
PACKAGE
FEATURES
FIXED
ADJUSTABLE
NUMBER
(V)
(V)
(A)
(mA)
(kHz)
(kHz)
Wide Input Voltage, Non Synchronous Buck
TPS5410
5.5 to 36
1.23 to 31
1
3
500
-
8SOIC
EN, Int. Comp.
TM, PG, EN, SoftStart, UVLO, RT,
10MSOP,
TPS54160
3.5 to 60
0.8 to 57
1.5
0.116
-
300 to 2500
TRACKIN, CLK, Ext. Comp.,
PowerPAD™
Eco-Mode™
TPS5420
5.5 to 36
1.23 to 31
2
3
500
-
8SOIC
EN, Int. Comp.
8SO
TPS5430
5.5 to 36
1.23 to 31
3
3
500
-
EN, Int. Comp.
PowerPAD™
8HSOIC
TPS5450
5.5 to 36
1.22 to 31
5
3
500
-
EN, Int. Comp.
PowerPAD™
Mid Input Voltage, Synchronous Buck
PG, EN, SYNC, UVLO, LSG, RT,
TPS54350
4.5 to 20
0.9 to 12
3
9
250, 500
250 to 700
16HTSSOP
Ext. Comp., 180
° out of phase
1.2, 1.5,
PG, EN, SYNC, UVLO, LSG, RT,
TPS5435x
4.5 to 20
1.8, 2.5,
3
9
250, 500
250 to 700
16HTSSOP
Int. Comp., 180
° out of phase
3.3, 5.0
PG, EN, SoftStart, SYNC, UVLO,
TPS54550
4.5 to 20
0.9 to 12
6
9
250, 500
250 to 700
16HTSSOP
LSG, RT, Int. Comp.,
180
° out of phase
Mid Input Voltage, Non Synchronous Buck
EN, SoftStart, UVLO, Ext. Comp.,
TPS54231
3.5 to 28
0.8 to 25
2
0.11
570
-
8SOIC
Eco-Mode™
EN, SoftStart, UVLO, Ext. Comp.,
TPS54331
3.5 to 28
0.8 to 25
3
0.11
570
-
8SOIC
Eco-Mode™
Mid Input Voltage, Dual, Non Synchronous Buck
TPS54283
4.5 to 28
0.8 to 25.2
2 / 2
1.8
300
-
14HTSSOP
EN1, EN2, ILIM2, SEQ, Int. Comp.
TPS54286
4.5 to 28
0.8 to 25.2
2 / 2
1.8
600
-
14HTSSOP
EN1, EN2, ILIM2, SEQ, Int. Comp.
TPS54383
4.5 to 28
0.8 to 25.2
3 / 3
1.8
300
-
14HTSSOP
EN1, EN2, ILIM2, SEQ, Int. Comp.
TPS54386
4.5 to 28
0.8 to 25.2
3 / 3
1.8
600
-
14HTSSOP
EN1, EN2, ILIM2, SEQ, Int. Comp.
EN1, EN2, ILIM2, SEQ, Ext.
TPS55383
4.5 to 28
0.8 to 25.2
3 / 3
1.8
300
-
16HTSSOP
Comp.
EN1, EN2, ILIM2, SEQ, Ext.
TPS55386
4.5 to 28
0.8 to 25.2
3 / 3
1.8
600
-
16HTSSOP
Comp.
SLVT153C – September 2007 – Revised October 2008
SWIFT Converter Product Portfolio
1
Submit Documentation Feedback


Similar Part No. - TPS54331

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
TPS54331 TI-TPS54331 Datasheet
879Kb / 24P
3A, 28V INPUT, STEP DOWN SWIFTM DC/DC CONVERTER WITH ECO-MODTM
TPS54331 TI1-TPS54331 Datasheet
1Mb / 46P
3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS54331 TI1-TPS54331 Datasheet
1Mb / 36P
TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode
TPS54331 TI2-TPS54331 Datasheet
935Kb / 29P
3-A, 28-V INPUT, STEP-DOWN SWIFT™ DC/DC CONVERTER WITH Eco-Mode™
NOVEMBER 2010
More results

Similar Description - TPS54331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI3302-00-EVAL1 ETC2-PI3302-00-EVAL1 Datasheet
790Kb / 2P
Product Portfolio Information
logo
Texas Instruments
TPS53353 TI1-TPS53353_16 Datasheet
1Mb / 37P
Synchronous Buck SWIFT Converter
TPS53355 TI1-TPS53355_16 Datasheet
1Mb / 37P
Synchronous Buck SWIFT Converter
TPS56121 TI1-TPS56121_16 Datasheet
1Mb / 31P
Input High-Current Synchronous Buck SWIFT Converter
TPS56221 TI1-TPS56221_16 Datasheet
1Mb / 32P
Synchronous Buck SWIFT Converter
TPS50601-DIE TI1-TPS50601-DIE Datasheet
198Kb / 7P
6-A Synchronous Step Down SWIFT Converter
TPS548A20 TI1-TPS548A20 Datasheet
1Mb / 36P
15-A Synchronous Step-Down SWIFT Converter
logo
SICK AG
WL11G-2B2531 SICK-WL11G-2B2531 Datasheet
4Mb / 9P
PRODUCT PORTFOLIO
WL11G-2B2531P04 SICK-WL11G-2B2531P04 Datasheet
5Mb / 9P
PRODUCT PORTFOLIO
WL11G-2K3431 SICK-WL11G-2K3431 Datasheet
5Mb / 9P
PRODUCT PORTFOLIO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com