Electronic Components Datasheet Search
  English  ▼

X  

CMP2515 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CMP2515
Description  Common Mode Line Filters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CMP2515 Datasheet(HTML) 1 Page - Frontier Electronics.

  CMP2515 Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Common Mode Line Filter P/N: CMP2515 Series
Rev. A
Jan. 01, 2006 Page 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
Common Mode Line Filters—CMP2515-series
A. Specifications:
Part
Number
Inductance
(uH) Min.
Test
Condition
DCR
(OHMS) Max.
Rated Current
(A) RMS.
CMP2515-01
425
100K/1.0V
0.012
8.0
CMP2515-02
275
100K/1.0V
0.008
10.0
CMP2515-03
750
100K/1.0V
0.022
5.0
CMP2515-04
1000
100K/1.0V
0.036
3.3
CMP2515-05
1700
100K/1.0V
0.065
2.0
CMP2515-06
3500
100K/1.0V
0.15
1.5
B. Mechanical Dimensions: (Unit: mm)
C. General information:
1. Electrical specifications at 25ºC.
2. Temperature Rise: 40ºC.
3. Operating temperature: -25ºC TO + 85ºC.
4. Hi-Pot Voltage: 1250VAC for one minute.
Custom specifications are available.
Note:
RoHS compliant; for the ROHS parts, we add “-LFR” at the end of the P/N.


Similar Part No. - CMP2515

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CMP2512 BOURNS-CMP2512 Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
CMP2512-FW-1002ELF BOURNS-CMP2512-FW-1002ELF Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
CMP2512-FX-1002ELF BOURNS-CMP2512-FX-1002ELF Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
CMP2512-JW-1002ELF BOURNS-CMP2512-JW-1002ELF Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
CMP2512-JX-1002ELF BOURNS-CMP2512-JX-1002ELF Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
More results

Similar Description - CMP2515

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFU1101 ETC-CFU1101 Datasheet
39Kb / 1P
Common Mode Line Filters
logo
Frontier Electronics.
3112 FRONTIER-3112 Datasheet
96Kb / 1P
Common Mode Line Filters
3702-461 FRONTIER-3702-461 Datasheet
109Kb / 1P
Common Mode Line Filters
3110122 FRONTIER-3110122 Datasheet
101Kb / 1P
Common Mode Line Filters
CFH2501 FRONTIER-CFH2501 Datasheet
98Kb / 1P
Common Mode Line Filters
CFS24XX FRONTIER-CFS24XX Datasheet
115Kb / 1P
Common Mode Line Filters
CFS28XX FRONTIER-CFS28XX Datasheet
115Kb / 1P
Common Mode Line Filters
CFS3501 FRONTIER-CFS3501 Datasheet
105Kb / 1P
Common Mode Line Filters
CFU1001 FRONTIER-CFU1001 Datasheet
109Kb / 1P
Common Mode Line Filters
CFU1101 FRONTIER-CFU1101 Datasheet
99Kb / 1P
Common Mode Line Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com