Electronic Components Datasheet Search
  English  ▼

X  

CSN042C Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSN042C
Description  SMD Power Choke
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSN042C Datasheet(HTML) 1 Page - Frontier Electronics.

  CSN042C Datasheet HTML 1Page - Frontier Electronics. CSN042C Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Power Choke: P/N CSN042C-series
Rev. A
Jan. 01, 2006. Page: 1 of 2
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
SMD Power Choke—CSN042C
A. Electrical specifications:
Part No.
Mark
L (uH)
Test Freq.
DCR (max.)
Ω I rms. (A)
I sat. (A)
CSN042C-1R0M
102
1.0
100 KHz
0.05
2.90
2.90
CSN042C-1R5M
152
1.5
100 KHz
0.05
2.80
2.60
CSN042C-2R2M
222
2.2
100 KHz
0.07
2.40
2.30
CSN042C-2R7M
272
2.7
100 KHz
0.07
2.40
2.30
CSN042C-3R3M
332
3.3
100 KHz
0.08
2.00
2.00
CSN042C-4R7M
472
4.7
100 KHz
0.09
1.50
1.50
CSN042C-6R8M
682
6.8
100 KHz
0.13
1.40
1.20
CSN042C-100M
103
10
100 KHz
0.16
1.10
1.10
CSN042C-150M
153
15
100 KHz
0.23
1.20
0.90
CSN042C-220M
223
22
100 KHz
0.37
0.80
0.70
CSN042C-330M
333
33
100 KHz
0.51
0.60
0.58
CSN042C-470M
473
47
100 KHz
0.64
0.50
0.50
CSN042C-680M
683
68
100 KHz
0.86
0.40
0.40
CSN042C-101M
104
100
100 KHz
1.27
0.30
0.31
CSN042C-151M
154
150
100 KHz
2.00
0.25
0.27
CSN042C-221M
224
220
100 KHz
3.11
0.20
0.22
CSN042C-331M
334
330
100 KHz
3.80
0.16
0.18
CSN042C-471M
474
470
100 KHz
5.06
0.15
0.16
CSN042C-681M
684
680
100 KHz
9.20
0.12
0.14
CSN042C-821M
824
820
100 KHz
12.5
0.11
0.13
CSN042C-102M
105
1000
100 KHz
13.80
0.07
0.10
B. Mechanial dimensions: (Unit: mm)
SERIES
A (max.)
B (max.)
C (max.)
D
E
F
G
CSN042C
4.45
6.60
2.92
4.0
3.56
4.06
1.40
Land Pattern
C. Feature:
1. Tolerance: M: ± 20%, L: ± 15%, K: ± 10%.
2. Operating temperature: -25ºC TO +85ºC.
3. Electrical specifications at +25ºC.
4. Inductance measured on the HP4284A LCR meter.
5. DCR measured on the 502BC milli-ohm meter.
6. Inductance drops no more than 10% at rated I sat.
7. Temperature rises ∆ t < 15ºC (Typical) at rated I rms.
8. Enclosed in a flat top ceramic case.
Note:
RoHS compliant; for the ROHS parts, we add “-LFR” at the end of the P/N.
D
F
E
G
G
B


Similar Part No. - CSN042C

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSN042C FRONTIER-CSN042C Datasheet
121Kb / 5P
Tape and Reel Specifications
More results

Similar Description - CSN042C

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSC042A FRONTIER-CSC042A Datasheet
155Kb / 2P
SMD Power Choke
CSH1250S FRONTIER-CSH1250S Datasheet
159Kb / 2P
SMD Power Choke
CSH1260S FRONTIER-CSH1260S Datasheet
142Kb / 2P
SMD Power Choke
CSN042A FRONTIER-CSN042A Datasheet
154Kb / 2P
SMD Power Choke
CSN1485F FRONTIER-CSN1485F Datasheet
133Kb / 1P
SMD Power Choke
CSS042C FRONTIER-CSS042C Datasheet
136Kb / 2P
SMD Power Choke
CST042C FRONTIER-CST042C Datasheet
164Kb / 2P
SMD Power Choke
logo
ETAL Group
P7635 ETAL-P7635 Datasheet
237Kb / 4P
SMD POWER CHOKE COIL
logo
TAI-TECH Advanced Elect...
TMPC1206HP TAI-TECH-TMPC1206HP Datasheet
707Kb / 4P
SMD Power Choke Coil
TMPC8040HP TAI-TECH-TMPC8040HP Datasheet
755Kb / 3P
SMD Power Choke Coil
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com