Electronic Components Datasheet Search
  English  ▼

X  

AL181 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # AL181
Description  3.3V SURFACE MOUNT 9x14mm Clipped Sinewave OCVCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

AL181 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  AL181 Datasheet HTML 1Page - Connor-Winfield Corporation AL181 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630-851-4722
Fax: 630-851-5040
www.conwin.com
Specifications subject to change without notice. All dimensions in inches. © Copyright 2008 The Connor-Winfield Corporation
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Bulletin
Page
Revision
Date
Cx161
2of2
P00
07 Oct 2008
Solder Profile
Ordering Information
AL181 - 019.2M
OCXO
SERIES
CENTER
FREQUENCY
Test Circuit
Pad Connections
Suggested Pad Layout
Output Waveform
Pad
Connection
1
Voltage Control
2N/C
3
Circuit and Package Ground
4
Output
5N/C
6
Supply Voltage
Control
Voltage
N/C
2
N/C
10 K
Ohm
10 pF
120°C
150°C
180°C
260°C
0
220°C
360 Sec. Max.
120 S
Max.
10 S
60 S
Max.
Time
Temperature
260°C
Typical Phase Noise
Typical Phase noise for AL181-019.2M
10ns 200mV



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com