Electronic Components Datasheet Search
  English  ▼

X  

LT319AH Datasheet(PDF) 12 Page - Linear Technology

Part # LT319AH
Description  Dual Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT319AH Datasheet(HTML) 12 Page - Linear Technology

Back Button LT319AH Datasheet HTML 4Page - Linear Technology LT319AH Datasheet HTML 5Page - Linear Technology LT319AH Datasheet HTML 6Page - Linear Technology LT319AH Datasheet HTML 7Page - Linear Technology LT319AH Datasheet HTML 8Page - Linear Technology LT319AH Datasheet HTML 9Page - Linear Technology LT319AH Datasheet HTML 10Page - Linear Technology LT319AH Datasheet HTML 11Page - Linear Technology LT319AH Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT119A/LT319A
LM119/LM319
119a319afb
LT/TP 1102 1K REV B • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1994
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
5kHz to 2MHz V
→F Converter
9
10
–
+
1/2 LT119A
4
3
5
7
6
12
8
11
–
+
10k
1/2 LT119A
5V
3.3k
20k
† SET SCALE FACTOR
2k †
0V TO 10V
0.01
µF
22pF
–5V
5V
10k
10k
2k
3k
470
Ω
470
Ω
50pF
POLYSTYRENE
2N2369
330
Ω
5V
5V
–5V
LT1004-1.2
1M
0.1
µF
TTL OUT
5kHz TO 2MHz
ALL DIODES 1N4148
LT119/319 TA9
220
Ω
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com