Electronic Components Datasheet Search
  English  ▼

X  

LM137 Datasheet(PDF) 10 Page - Linear Technology

Part # LM137
Description  Negative Adjustable Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM137 Datasheet(HTML) 10 Page - Linear Technology

Back Button LM137 Datasheet HTML 4Page - Linear Technology LM137 Datasheet HTML 5Page - Linear Technology LM137 Datasheet HTML 6Page - Linear Technology LM137 Datasheet HTML 7Page - Linear Technology LM137 Datasheet HTML 8Page - Linear Technology LM137 Datasheet HTML 9Page - Linear Technology LM137 Datasheet HTML 10Page - Linear Technology LM137 Datasheet HTML 11Page - Linear Technology LM137 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LT137A/LM137
LT337A/LM337
10
137afb
SCHEMATIC DIAGRAM
Q16
Q5
Q28
VIN
0.02Ω
VOUT
137A SD
250Ω
Q26
Q25
100Ω
100Ω
12k
12k
10Ω
Q22
480Ω
2pF
5pF
Q12
Q11
Q30
Q29
220Ω
500Ω
2.4k
2k
Q31
1k
Q27
1k
6k
Q34
Q23
6.8k
150Ω
15k
Q24
2k
5k
2k
20k
Q4
20Ω
800Ω
D4
600Ω
18k
100k
25pF
15pF
D3
D2
D5
ADJ
Q2
D1
Q1
Q3
Q8
2k
Q9
Q10
Q33
Q32
20Ω
15pF
100k
60k
750Ω
Q6
Q7
Q21
Q20
Q19
Q17
Q15
20k
12k
8k
600Ω
4k
1k
270Ω
4.2k
Q13
Q14
4k
Q18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com