Electronic Components Datasheet Search
  English  ▼

X  

LT1017CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1017CS8
Description  Micropower Dual Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1017CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1017CS8 Datasheet HTML 5Page - Linear Technology LT1017CS8 Datasheet HTML 6Page - Linear Technology LT1017CS8 Datasheet HTML 7Page - Linear Technology LT1017CS8 Datasheet HTML 8Page - Linear Technology LT1017CS8 Datasheet HTML 9Page - Linear Technology LT1017CS8 Datasheet HTML 10Page - Linear Technology LT1017CS8 Datasheet HTML 11Page - Linear Technology LT1017CS8 Datasheet HTML 12Page - Linear Technology LT1017CS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT1017/LT1018
9
10178ff
TYPICAL APPLICATIONS
5V Power Supply Monitor
Precise Tri-Wave Generator
5
36.5k
1%
3k
2.5k
1%
OUTPUT HIGH FOR
4.5V ≤ VIN ≤ 5.5V
OUTPUT VALID
FOR V+ ≥ 1.1V
V+
11.2k
1%
LT1034
1.235V
7
8
6
–
+
1/2 LT1017
3
1
4
1017/18 TA10
2
–
+
1/2 LT1017
47k
200k
100k
3k
LT1009
2.5V
5
4
8
7
10pF
SQUARE WAVE
OUTPUT
TRIANGLE WAVE
OUTPUT
0.5V TO 2.5V
1017/18 TA11
6
–
+
1/2 LT1018
3
2
3
1
8
4
22k
22k
5V
3k
1
2
–
+
1/2 LT1018
0.047μF
2N3904
1/2 LT1013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com