Electronic Components Datasheet Search
  English  ▼

X  

LT1022 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1022
Description  High Speed, Precision JFET Input Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1022 Datasheet(HTML) 4 Page - Linear Technology

  LT1022 Datasheet HTML 1Page - Linear Technology LT1022 Datasheet HTML 2Page - Linear Technology LT1022 Datasheet HTML 3Page - Linear Technology LT1022 Datasheet HTML 4Page - Linear Technology LT1022 Datasheet HTML 5Page - Linear Technology LT1022 Datasheet HTML 6Page - Linear Technology LT1022 Datasheet HTML 7Page - Linear Technology LT1022 Datasheet HTML 8Page - Linear Technology LT1022 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1022
1022fa
Undistorted Output Swing vs
Frequency
Gain vs Frequency
Small-Signal Response
Phase Margin, Gain Bandwidth
Product, Slew Rate vs Temperature
Settling Time
Gain, Phase Shift vs Frequency
The typical behavior of many LT1022 parameters is identical to the LT1056. Please refer to the LT1055/1056 data
sheet for the following typical performance characteristics:
Input Bias and Offset Currents vs Temperature
Short Circuit Current vs Time
Input Bias Current Over the Common-Mode Range
Output Impedance vs Frequency
Distribution of Input Offset Voltage (H and N8 Package)
Common Mode Range vs Temperature
Distribution of Offset Voltage Drift with Temperature
Common Mode and Power Supply Rejections vs Temperature
Warm-Up Drift
Common Mode Rejection Ratio vs Frequency
Long Term Drift of Representative Units
Power Supply Rejection Ratio vs Frequency
0.1Hz to 10Hz Noise
Voltage Gain vs Temperature
Voltage Noise vs Frequency
Supply Current vs Supply Voltage
Noise vs Chip Temperature
Output Swing vs Load Resistance
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (Hz)
1
60
100
100M
LT1022 • TPC01
20
–20
100
10k
1M
10
1k
100k
10M
140
40
80
0
120
VS = ±15V
TA = –55°C
TA = 125°C
TA = 25°C
FREQUENCY (MHz)
1
–10
0
10
30
10
100
330
LT1022 • TPC02
20
240
200
160
80
120
220
180
140
100
CLMAX ≈ 500pF
(AV = +1)
CL = 10pF
CL = 300pF
CL = 300pF
CL = 10pF
PHASE
GAIN
VS = ±15V
TA = 25°C
FREQUENCY (Hz)
100k
0
6
12
18
24
1M
10M
LT1022 • TPC04
30
VS = ±15V
TA = 25°C
SETTLING TIME (µs)
0
0
LT1022 • TPC05
–5
–10
12
5
10
3
VS = ±15V
TA = 25°C
10mV
5mV
5mV
2mV
2mV
1mV
10mV
1mV
0.5mV
0.5mV
0.2µs/DIV
AV = +1
CL = 100pF
TA = 25°C
VS = ±15V
TEMPERATURE (
°C)
–50
40
60
40
0
50
75
LT1022 • TPC03
50
30
20
10
11
12
7
6
8
9
–25
25
100
125
VS = ±15V
CL = 10pF
θM
SLEW
GBW (f = 1MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com