Electronic Components Datasheet Search
  English  ▼

X  

LT1115CSW Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LT1115CSW
Description  Ultralow Noise, Low Distortion, Audio Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1115CSW Datasheet(HTML) 2 Page - Linear Integrated Systems

  LT1115CSW Datasheet HTML 1Page - Linear Integrated Systems LT1115CSW Datasheet HTML 2Page - Linear Integrated Systems LT1115CSW Datasheet HTML 3Page - Linear Integrated Systems LT1115CSW Datasheet HTML 4Page - Linear Integrated Systems LT1115CSW Datasheet HTML 5Page - Linear Integrated Systems LT1115CSW Datasheet HTML 6Page - Linear Integrated Systems LT1115CSW Datasheet HTML 7Page - Linear Integrated Systems LT1115CSW Datasheet HTML 8Page - Linear Integrated Systems LT1115CSW Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1115
2
1115fa
Operating Temperature Range ..................... 0°C to 70°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
Supply Voltage ...................................................... ±22V
Differential Input Current (Note 5) ...................... ±25mA
Input Voltage ............................ Equal to Supply Voltage
Output Short-Circuit Duration .......................... Indefinite
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
TOP VIEW
8
7
6
5
–IN
+IN
V –
OUT
V+
VOS
TRIM
VOS
TRIM
OVER-
COMP
N PACKAGE
8-LEAD PDIP
TJMAX = 115°C, θJA = 130°C/W
ORDER
PART NUMBER
LT1115CN8
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO
TMAX = 115°C, θJA = 130°C/W
16
15
14
13
12
11
10
9
NC
NC
TRIM
–IN
+IN
V–
NC
NC
NC
TRIM
V +
OVERCOMP
NC
NC
NC
OUTPUT
LT1115CSW
ORDER
PART NUMBER
LT1115 • POI01
+
–
+
–
ABSOLUTE
AXI U
RATI GS
PACKAGE DESCRIPTIO
ELECTRICAL CHARACTERISTICS V
S = ±18V, TA = 25°C, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
THD
Total Harmonic Distortion at 10kHz
Av = –10, VO = 7VRMS, RL = 600
< 0.002
%
IMD
Inter-Modulation Distortion (CCIF)
Av = 10, VO = 7VRMS, RL = 600
< 0.0002
%
V
OS
Input Offset Voltage
(Note 2)
50
200
µV
I
OS
Input Offset Current
VCM = 0V
30
200
nA
I
B
Input Bias Current
VCM = 0V
±50
±380
nA
en
Input Noise Voltage Density
fo = 10Hz
1.0
nV/√Hz
fo = 1000Hz, 100% tested
0.9
1.2
nV/√Hz
Wideband Noise
DC to 20kHz
120
nVRMS
Corresponding Voltage Level
– 136
dB
re 0.775V
in
Input Noise Current Density
fo = 10Hz
4.7
pA/√Hz
(Note 3)
fo = 1000Hz, 100% tested
1.2
2.2
pA/√Hz
Input Resistance
Common Mode
250
MΩ
Differential Mode
15
kΩ
Input Capacitance
5pF
Input Voltage Range
±13.5
±15.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com