Electronic Components Datasheet Search
  English  ▼

X  

TAS5352A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5352A
Description  125 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5352A Datasheet(HTML) 5 Page - Texas Instruments

  TAS5352A Datasheet HTML 1Page - Texas Instruments TAS5352A Datasheet HTML 2Page - Texas Instruments TAS5352A Datasheet HTML 3Page - Texas Instruments TAS5352A Datasheet HTML 4Page - Texas Instruments TAS5352A Datasheet HTML 5Page - Texas Instruments TAS5352A Datasheet HTML 6Page - Texas Instruments TAS5352A Datasheet HTML 7Page - Texas Instruments TAS5352A Datasheet HTML 8Page - Texas Instruments TAS5352A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Terminal Functions
TAS5352A
www.ti.com ........................................................................................................................................................................................... SLES239 – NOVEMBER 2008
TERMINAL
FUNCTION (1)
DESCRIPTION
NAME
DDV NO.
AGND
11
P
Analog ground
BST_A
43
P
Bootstrap pin, A-Side
BST_B
34
P
Bootstrap pin, B-Side
BST_C
33
P
Bootstrap pin, C-Side
BST_D
24
P
Bootstrap pin, D-Side
GND
10
P
Ground
GND_A
38
P
Power ground for half-bridge A
GND_B
37
P
Power ground for half-bridge B
GND_C
30
P
Power ground for half-bridge C
GND_D
29
P
Power ground for half-bridge D
GVDD_A
44
P
Gate-drive voltage supply; A-Side
GVDD_B
1
P
Gate-drive voltage supply; B-Side
GVDD_C
22
P
Gate-drive voltage supply; C-Side
GVDD_D
23
P
Gate-drive voltage supply; D-Side
M1
15
I
Mode selection pin (LSB)
M2
14
I
Mode selection pin
M3
13
I
Mode selection pin (MSB)
NC
3, 4, 19, 20, 25, 42
–
No connect. Pins may be grounded.
OC_ADJ
9
O
Analog overcurrent programming pin
OTW
2
O
Overtemperature warning signal, open-drain, active-low
OUT_A
39
O
Output, half-bridge A
OUT_B
36
O
Output, half-bridge B
OUT_C
31
O
Output, half-bridge C
OUT_D
28
O
Output, half-bridge D
PVDD_A
40, 41
P
Power supply input for half-bridge A
PVDD_B
35
P
Power supply input for half-bridge B
PVDD_C
32
P
Power supply input for half-bridge C
PVDD_D
26, 27
P
Power supply input for half-bridge D
PWM_A
6
I
PWM Input signal for half-bridge A
PWM_B
8
I
PWM Input signal for half-bridge B
PWM_C
16
I
PWM Input signal for half-bridge C
PWM_D
18
I
PWM Input signal for half-bridge D
RESET_AB
7
I
Reset signal for half-bridge A and half-bridge B, active-low
RESET_CD
17
I
Reset signal for half-bridge C and half-bridge D, active-low
SD
5
O
Shutdown signal, open-drain, active-low
VDD
21
P
Input power supply
VREG
12
P
Internal voltage regulator
(1)
I = input, O = output, P = power
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TAS5352A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com