Electronic Components Datasheet Search
  English  ▼

X  

OVA3AB1AA Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # OVA3AB1AA
Description  14 PIN DIP 3.3V LVMOS STRATUM 3 OCVCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

OVA3AB1AA Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  OVA3AB1AA Datasheet HTML 1Page - Connor-Winfield Corporation OVA3AB1AA Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - OVA3AB1AA

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
OVA3AB4AA CONNOR-WINFIELD-OVA3AB4AA Datasheet
130Kb / 2P
14 PIN DIP 3.3V STRATUM 3 LVCMOS OCVCXO
OVA3AB4AA-010.0M CONNOR-WINFIELD-OVA3AB4AA-010.0M Datasheet
130Kb / 2P
14 PIN DIP 3.3V STRATUM 3 LVCMOS OCVCXO
More results

Similar Description - OVA3AB1AA

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
AGOF3S3 CONNOR-WINFIELD-AGOF3S3 Datasheet
220Kb / 2P
14 PIN DIP 3.3V HCMOS STRATUM 3 OCXO
AGOV3S3 CONNOR-WINFIELD-AGOV3S3 Datasheet
171Kb / 2P
14 PIN DIP 3.3V LVMOS STRATUM 3 OCVCXO
AGOV3S3G CONNOR-WINFIELD-AGOV3S3G Datasheet
152Kb / 2P
14 PIN DIP 3.3V LVMOS STRATUM 3 OCVCXO
CGOV3S3 CONNOR-WINFIELD-CGOV3S3 Datasheet
215Kb / 2P
14 PIN DIP 3.3V STRATUM 3 HCMOS OCVCXO
EGOV3S3 CONNOR-WINFIELD-EGOV3S3 Datasheet
225Kb / 2P
14 PIN DIP 3.3V HCMOS STRATUM 3 OCVCXO
OVA3AB4AA CONNOR-WINFIELD-OVA3AB4AA Datasheet
130Kb / 2P
14 PIN DIP 3.3V STRATUM 3 LVCMOS OCVCXO
OVA3HA1CB CONNOR-WINFIELD-OVA3HA1CB Datasheet
153Kb / 2P
14 PIN DIP 3.3V HCMOS STRATUM 3 OCVCXO with OVEN READY MONITOR
OVA5AA1AB CONNOR-WINFIELD-OVA5AA1AB Datasheet
221Kb / 2P
14 PIN DIP 5.0V STRATUM 3 HCMOS OCVCXO
OVA5AB1AA CONNOR-WINFIELD-OVA5AB1AA Datasheet
152Kb / 2P
14 PIN DIP 5.0V STRATUM 3 HCMOS OCVCXO
OVB3AC3AB CONNOR-WINFIELD-OVB3AC3AB Datasheet
189Kb / 2P
14 PIN DIP 3.3V HCMOS OCVCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com