Electronic Components Datasheet Search
  English  ▼

X  

OVA3BA2AA Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # OVA3BA2AA
Description  3.3V SURFACE MOUNT LVCMOS STRATUM 3 VCOCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

OVA3BA2AA Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  OVA3BA2AA Datasheet HTML 1Page - Connor-Winfield Corporation OVA3BA2AA Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX
(630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield
OVA3BA2AA is a true Surface
Mount 3.3V Voltage Controlled
Oven Stabilized Crystal
Oscillator (VCOCXO) with a
LVCMOS logic output. The
OVA3BA2AA is designed for
STRATUM 3 applications
requiring tight frequency stability,
low jitter over the industrial
temperature range.
1
2
OVA3BA2AA
-
20MHz
OCXO
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
VCOCXO
3.3V OPERATION
LOW JITTER <1pS RMS
FREQUENCY STABILITY: ±0.25ppm
TEMPERATURE RANGE: -40 to 85°C
FREQUENCY TOLERANCE OF
±4.6ppm OVER TEN YEARS
SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
RoHS COMPLIANT / LEAD FREE
3.3V SURFACE MOUNT LVCMOS STRATUM 3 VCOCXO
OVA3BA2AA
Cx084
01
02/19/07
0711
OVA3BA2AA
20.0 MHZ
ABSOL UTE M AXIMUM RATING S
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-40
-
85
°C
Supply Voltage
(Vcc)
-0.5
-
4.5
Vdc
Control Voltage
(Vc)
-0.5
-
4.5
Vdc
OPERATING SPECIFIC ATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
1.544
-
20.000
MHz
Frequency Calibration
-1.5
1.5
ppm
1, 4
Frequency Stability
-0.25
-
0.25
ppm
2
Total Frequency Tolerance
-4.6
-
4.6
ppm
3
Aging (Daily
-30
-
30
ppb
4
Aging (10 years)
-2.7
-
2.7
ppm
Operating Temperature Range
-40
-
85
°C
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
Supply Current
(Icc)
-
-
700
mA
Steady State Supply Current @ 85°C
(Icc)
-
110
-
mA
Steady State Supply Current @ 25°C
(Icc)
-
290
-
mA
Steady State Supply Current @ -40°C
(Icc)
-
550
-
mA
Phase Jitter (BW =12KHz to 20MHz)
-
-
1
pS RMS
Phase Jitter (BW =10Hz to 20MHz)
-
-
3
pS RMS
Period Jitter
-
-
3
pS RMS
Allan Variance (1 Second)
-
5.00 E-10
-
SSB Phase Noise at 10Hz offset
-
-90
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-130
-
dBc/Hz
Start-Up Time: Oscillator
-
-
10
mS
Warm Up Time
-
-
5
Minutes
5
TDEV at 1.0 seconds
-
-
1
nS
TDEV at 4.0 seconds
-
-
2
nS
INTPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Control Voltage Range
(Vc)
0.3
1.48
3.0
Vdc
Frequency at Vc=0.3 Vdc
-22.5
-
-13.5
ppm
6
Frequency at Vc=3.0 Vdc
13.5
-
22.5
ppm
6
Slope of Frequency Adjust
10
-
-
ppm/V
Input Impedance
100k
-
-
Ohm
LVCMOS OUTPUT CHARACTERISTICS
TABLE 4.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
15
pF
Voltage
(High)
(Voh)
2.6
-
-
Vdc
(Low)
(Vol)
-
-
0.4
Vdc
Current
(High)
(Ioh)
-4
-
-
mA
(Low)
(Iol)
-
-
4
mA
Duty Cycle at 50% of Vcc
45
50
55
%
Rise / Fall Time 10% to 90%
-
-
6
nS


Similar Part No. - OVA3BA2AA

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
OVA3AB1AA CONNOR-WINFIELD-OVA3AB1AA Datasheet
134Kb / 2P
14 PIN DIP 3.3V LVMOS STRATUM 3 OCVCXO
OVA3AB1AA-019.44M CONNOR-WINFIELD-OVA3AB1AA-019.44M Datasheet
134Kb / 2P
14 PIN DIP 3.3V LVMOS STRATUM 3 OCVCXO
OVA3AB4AA CONNOR-WINFIELD-OVA3AB4AA Datasheet
130Kb / 2P
14 PIN DIP 3.3V STRATUM 3 LVCMOS OCVCXO
OVA3AB4AA-010.0M CONNOR-WINFIELD-OVA3AB4AA-010.0M Datasheet
130Kb / 2P
14 PIN DIP 3.3V STRATUM 3 LVCMOS OCVCXO
OVA3HA1CB CONNOR-WINFIELD-OVA3HA1CB Datasheet
153Kb / 2P
14 PIN DIP 3.3V HCMOS STRATUM 3 OCVCXO with OVEN READY MONITOR
More results

Similar Description - OVA3BA2AA

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
ASOF3S3 CONNOR-WINFIELD-ASOF3S3 Datasheet
168Kb / 2P
SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
ASOF3S3G CONNOR-WINFIELD-ASOF3S3G Datasheet
217Kb / 2P
SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
ASOV3S3 CONNOR-WINFIELD-ASOV3S3 Datasheet
193Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
ASOV5S3E CONNOR-WINFIELD-ASOV5S3E Datasheet
192Kb / 2P
SURFACE MOUNT STRATUM 3E HCMOS VCOCXO
BGOV3S3G CONNOR-WINFIELD-BGOV3S3G Datasheet
161Kb / 2P
3.3V 14 PIN DIP STRATUM 3 LVCMOS VCOCXO
BSOV3S3 CONNOR-WINFIELD-BSOV3S3 Datasheet
192Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
ESOF3S3 CONNOR-WINFIELD-ESOF3S3 Datasheet
189Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
OFA3BB2AA CONNOR-WINFIELD-OFA3BB2AA Datasheet
240Kb / 2P
3.3V SURFACE MOUNT LVCMOS STRATUM 3 OCXO
OFA3JP2AB CONNOR-WINFIELD-OFA3JP2AB Datasheet
216Kb / 2P
3.3V SURFACE MOUNT LVCMOS STRATUM 3 OCXO
OFB3JP2AB CONNOR-WINFIELD-OFB3JP2AB Datasheet
220Kb / 2P
3.3V SURFACE MOUNT LVCMOS STRATUM 3 OCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com