Electronic Components Datasheet Search
  English  ▼

X  

LT1055ACH Datasheet(PDF) 10 Page - Linear Technology

Part # LT1055ACH
Description  Precision, High Speed, JFET Input Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1055ACH Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1055ACH Datasheet HTML 6Page - Linear Technology LT1055ACH Datasheet HTML 7Page - Linear Technology LT1055ACH Datasheet HTML 8Page - Linear Technology LT1055ACH Datasheet HTML 9Page - Linear Technology LT1055ACH Datasheet HTML 10Page - Linear Technology LT1055ACH Datasheet HTML 11Page - Linear Technology LT1055ACH Datasheet HTML 12Page - Linear Technology LT1055ACH Datasheet HTML 13Page - Linear Technology LT1055ACH Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1055/LT1056
10556fc
APPLICATIONS INFORMATION
The voltage noise spectrum is characterized by a low 1/f
corner in the 20Hz to 30Hz range, significantly lower than
on other competitive JFET input op amps. Of particular
interest is the fact that with any JFET IC amplifier, the
frequency location of the 1/f corner is proportional to the
square root of the internal gate leakage currents and,
therefore, noise doubles every 20
°C. Furthermore, as
illustrated in the noise versus chip temperature curves,
the 0.1Hz to 10Hz peak-to-peak noise is a strong function
of temperature, while wideband noise (f0 = 1kHz) is
practically unaffected by temperature.
Consequently, for optimum low frequency noise, chip
temperature should be minimized. For example, operating
an LT1056 at
±5V supplies or with a 20°C/W case-to-
ambient heat sink reduces 0.1Hz to 10Hz noise from
typically 2.5
µVP-P (±15V, free-air) to 1.5µVP-P. Similiarly,
the noise of an LT1055 will be 1.8
µVP-P typically because
of its lower power dissipation and chip temperature.
High Speed Operation
Settling time is measured in the test circuit shown. This
test configuration has two features which eliminate prob-
lems common to settling time measurments: (1) probe
capacitance is isolated from the “false summing” node,
and (2) it does not require a “flat top” input pulse since the
input pulse is merely used to steer current through the
diode bridges. For more details, please see Application
Note 10.
As with most high speed amplifiers, care should be
taken with supply decoupling, lead dress and component
placement.
When the feedback around the op amp is resistive (RF), a
pole will be created with RF, the source resistance and
capacitance (RS, CS), and the amplifier input capacitance
(CIN ≈ 4pF). In low closed-loop gain configurations and
with RS and RF in the kilohm range, this pole can create
excess phase shift and even oscillation. A small capacitor
(CF) in parallel with RF eliminates this problem. With RS
(CS + CIN) = RFCF, the effect of the feedback pole is
completely removed.
0.01 DISC
+
+
–
+
15V
15V
–15V
–15V
15k
15k
15k
15k
10k
4.7k
4.7k
10
µF
SOLID
TANTALUM
10
µF
SOLID
TANTALUM
10
µF
SOLID
TANTALUM
10
µF
SOLID TANTALUM
10pF (TYPICAL)
10k
PULSE GEN
INPUT
(5V MIN STEP)
2k
2k
0.01 DISC
0.01 DISC
0.01 DISC
50
Ω
2W
LT1055
LT1056
AMPLIFIER
UNDER
TEST
AUT OUTPUT
HP5082-8210
HEWLETT
PACKARD
15V
15V
15V
–15V
= 1N4148
–15V
–15V
1/2
U440
1/2
U440
50
Ω
3
Ω
3
Ω
100
Ω
DC ZERO
2N160
2N5160
2N3866
2N3866
LT1055/56 AI04
OUTPUT
TO SCOPE
Settling Time Test Circuit
–
+
RS
RF
CF
CS
CIN
OUTPUT
LT1055/56 AI03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com